Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL3563 Datasheet(PDF) 1 Page - Suzhou Juyuan Microelectronics Co., Ltd

Part # PL3563
Description  Current mode PWM control chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMICRO [Suzhou Juyuan Microelectronics Co., Ltd]
Direct Link  https://pmicro.com.cn/en
Logo PMICRO - Suzhou Juyuan Microelectronics Co., Ltd

PL3563 Datasheet(HTML) 1 Page - Suzhou Juyuan Microelectronics Co., Ltd

  PL3563 Datasheet HTML 1Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 2Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 3Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 4Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 5Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 6Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 7Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 8Page - Suzhou Juyuan Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
V1.0 © 2011
www.pmicro.com.cn
1
芯片概述::::
PL3563/PL3563A是一款低成本、高性能的电流模PWM
控制芯片,其优异的性能可满足小功率开关电源的低功耗
要求。在轻载或空载条件下,芯片内置的“无噪音绿色模
式”能够提高系统的效率,同时这种绿色模式能使开关电
源满足严格的能源损耗要求。
VDD 端 大 的 启 动 电 阻 (2Mohm) 可 降 低 芯 片 的 启 动 电 流
(2uA), 而且工作电流也仅1.4mA。内置的斜率补偿电路确
保了峰值电流模控制的稳定性。内部集成的频率抖动功能
能很好的降低系统的EMI以及EMI滤波成本。
PL3563/PL3563A 同 时 提 供 多 种 保 护 功 能 , 主 要 包 括
OVP、OCP、OLP等。为了防止外部功率MOS管栅极因
高压损毁,PL3563/PL3563A的驱动输出被钳位在15V。
PL3563/PL3563A提供SOT23-6、SOP8和DIP8封装。
管脚分布图::::
PL3563/PL3563A
PL3563/PL3563A
PL3563/PL3563A
PL3563/PL3563A
电流模式PWM
PWM
PWM
PWM控制芯片
主要特点::::
•
低的启动电流和工作电流
•
PWM无噪音绿色控制模式
•
内置提高EMI性能的频率抖动
•
内置斜率补偿
•
可编程的开关频率
•
Sense端的前沿消隐
•
OCP的线电压补偿
•
VDD 过压和欠压保护
•
VDD钳压保护
•
过载保护
•
逐周期限流保护
•
Sense端悬浮保护
•
内置软启动
应用::::
•
手机/无绳电话充电器
•
锂电池/数码相机充电器
•
机顶盒电源
•
电源适配器
•
LED 驱动
•
消费类的备用电源


Similar Part No. - PL3563

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
PL3502GP YENYO-PL3502GP Datasheet
640Kb / 2P
Polyimide Passivated Auto Rectifier
PL3502JP YENYO-PL3502JP Datasheet
640Kb / 2P
Polyimide Passivated Auto Rectifier
PL3504GP YENYO-PL3504GP Datasheet
640Kb / 2P
Polyimide Passivated Auto Rectifier
PL3504JP YENYO-PL3504JP Datasheet
640Kb / 2P
Polyimide Passivated Auto Rectifier
PL3506GP YENYO-PL3506GP Datasheet
640Kb / 2P
Polyimide Passivated Auto Rectifier
More results

Similar Description - PL3563

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Shenzhen Tianyuan Semic...
TP6273 TPOWER-TP6273 Datasheet
412Kb / 5P
Current mode PWM power control chip
logo
Linkage Goston Electron...
SM8013B LINKAGE-SM8013B Datasheet
3Mb / 17P
Current PWM Control ChIp
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com