Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL3563 Datasheet(PDF) 3 Page - Suzhou Juyuan Microelectronics Co., Ltd

Part # PL3563
Description  Current mode PWM control chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMICRO [Suzhou Juyuan Microelectronics Co., Ltd]
Direct Link  https://pmicro.com.cn/en
Logo PMICRO - Suzhou Juyuan Microelectronics Co., Ltd

PL3563 Datasheet(HTML) 3 Page - Suzhou Juyuan Microelectronics Co., Ltd

  PL3563 Datasheet HTML 1Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 2Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 3Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 4Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 5Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 6Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 7Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 8Page - Suzhou Juyuan Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Datasheet
Datasheet
Datasheet
Datasheet
PL3563/PL3563A
PL3563/PL3563A
PL3563/PL3563A
PL3563/PL3563A
V1.0 © 2011
www.pmicro.com.cn
3
3
3
3
3
管脚分布图
SOT23-6 封装
4
4
4
4
管脚描述
管脚名
描述
GND
芯片地
FB
反馈端输入,接收次级光耦的信号并调节CS端的峰值电压以及芯片的功率频率
RI
通过电阻接地,内部产生振荡器电流,并调节PWM频率
SENSE
电流采样端,检测CS端电阻的电压可得到峰值电流大小
VDD
芯片电源输入
GATE
芯片的驱动输出,接到外部功率MOS的栅极
5
5
5
5
最大额定值
参数
数值
VDD
-0.3V 至+30 V
VDD 钳位电流
10mA
VFB, VSENSE 和 VRI
-0.3 至+7V
结温
-20 至+150℃
存储温度
-55 至+160℃
注释:超过最大额定值可能损毁器件。



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com