Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD106AI Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # 2SD106AI
Description  2SD106AI Dual SCALE Driver Core
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD106AI Datasheet(HTML) 3 Page - Power Integrations, Inc.

  2SD106AI Datasheet HTML 1Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 2Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 3Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 4Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 5Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 6Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SCALE Driver
2SD106AI Data Sheet
IGBT-Driver.com
Page 3
Pin Designation
Pin Des.
Function
1 VDD
+15V for electronic input side
2 GND
GND for electronic input side
3 SO1
Status output channel 1
4 VL
Logic level/Reset
5 RC1
RC network deadtime channel 1
6 InA
Input A
7 InB
Input B
8 RC2
RC network deadtime channel 2
9 MOD
Mode input
10 SO2
Status output channel 2
11 GND(dc) Ground of the DC/DC converter
12 VDC
+15V for DC/DC converter
Pin Des.
Function
24
Free
23 C1
Collector sense channel 1
22 Rth1
Reference resistor channel 1
21 E1
Emitter channel 1
20 G1
Gate channel 1
19
Free
18
Free
17 C2
Collector sense channel 2
16 Rth2
Reference resistor channel 2
15 E2
Emitter channel 2
14 G2
Gate channel 2
13
Free
Legend:
Pins with the designation “Free” are not physically present (drawn as “X” in Fig. 3 bottom).
Mechanical Dimensions
Fig. 2 Side view 2SD106AI
Height X: typ. 16mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com