Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD106AI Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # 2SD106AI
Description  2SD106AI Dual SCALE Driver Core
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD106AI Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button 2SD106AI Datasheet HTML 4Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 5Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 6Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 9Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 10Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 11Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 12Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SCALE Driver
2SD106AI Data Sheet
IGBT-Driver.com
Page 9
Collector sense and dimensioning of Rth
The 2SD106AI dual
driver has a collector-
sense
circuit
to
protect the power
semiconductors. It is
shown in Fig. 4
Its basic operating
mode can be ob-
tained
from
the
brochure
entitled:
“Description
and
Application
Manual
for Scale Drivers”.
To correspond more
effectively
to
the
turn-on characteristic
of the IGBTs, the
SCALE drivers do not use a static reference voltage to compare the voltage at the
collector. Instead, the reference is used as shown in Fig. 5.
Value Rth
Reaction time Vth1
Vth2
VCE(off)
22k
 4.9s
 4.8V
 3.2V
2.35V (1 Diode)
27k
 5.7s
 5.6V
 3.9V
3.05V (1 Diode)
33k
 6.8s
 6.5V
 4.7V
3.25V (2 Diodes)
39k
 7.6s
 7.3V
 5.6V
4.15V (2 Diodes)
47k
 9s
 8.4V
 6.8V
5.35V (2 Diodes)
Table 1 Reference resistor, reaction time and turn-off threshold
Notes on Table 1
The values for “Vth1” and “Vth2” are listed in Table 1 as a function of the reference
resistance Rth.
The value in the “Vth1” column corresponds to the voltage threshold after the response
time has elapsed.
The value in the “Vth2” column corresponds to the voltage which is set up statically
across the resistor Rth. This static value is typically reached after between 10 and 15µs.
R
V
V
C
C
R
G
E
R
R
D
S
I
4
5
1
1
O
M
Fig. 4 Collector-sense circuit principle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com