Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD106AI Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # 2SD106AI
Description  2SD106AI Dual SCALE Driver Core
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD106AI Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button 2SD106AI Datasheet HTML 2Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 3Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 4Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 5Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 6Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 9Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SCALE Driver
2SD106AI Data Sheet
Page 6
INTELLIGENT POWER ELECTRONICS
Electrical Characteristics (Continuation)
Power supply monitoring
Test conditions
min typ max
unit
Turn-on threshold
Vth
(see Note 4)
11.5
Vdc
Hysteresis on-/off
(see Note 4)
0.7
Vdc
Logic inputs
Test conditions
min typ max
unit
Input voltage
all inputs (see Note 5)
0
VDD
Vdc
Timing characteristics
Test conditions
min typ max
unit
Delay time input to output
turn-on
tpd(on)
300
ns
turn-off
tpd(off)
350
ns
Blocking time
after failure (see Note 12)
1
s
Outputs
Test conditions
min typ max
unit
Output current IG
Gx to Ex (see Note 6)
-6
+6
A
Output rise time
tr(out)
Gx to Ex (see Note 7)
100
ns
Output fall time
tf(out)
Gx to Ex (see Note 7)
80
ns
Output current SOx
1.5
mA
Output voltage rating SOx
SOx to GND
VDD
V
Vce-Monitoring
Test conditions
min typ max
unit
Inputs Cx
to Ex
0
VDD
Vdc
Electrical isolation
Test conditions
min typ max
unit
Operating voltage
continuous (see Note 8)
800
Vdc
Test voltage
(50Hz/1min) (see Note 11)
4000
VAC(eff)
Partial discharge extinction volt. IEC270
>1200
VAC(pk)
Creep path input-output
12.7
mm
Creep path output-output
12.7
mm
Maximum V/t at V =1000V (see Note 9)
100
kV/s
All data refer to +25°C and
VDD = VDC = 15V unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com