Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD106AI Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # 2SD106AI
Description  2SD106AI Dual SCALE Driver Core
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD106AI Datasheet(HTML) 5 Page - Power Integrations, Inc.

  2SD106AI Datasheet HTML 1Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 2Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 3Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 4Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 5Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 6Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SCALE Driver
2SD106AI Data Sheet
IGBT-Driver.com
Page 5
Details of the circuit board layout
Grid of the aspect drawing on page 4 below: 2.54mm (100mil)
Recommended diameter of solder pad: Ø 1.6mm
Recommended diameter of drill holes: Ø 1.0mm
Absolute Maximum Ratings
Parameter
Test conditions
min max
unit
Supply voltage
VDC
0
16
Vdc
Supply voltage
VDD
0
16
Vdc
Logic input voltage
to GND
0
VDD
Vdc
Gate peak current
I out
Gx to Ex
-6
+6
A
Output power DC/DC converter total for both channels
2
W
Test voltage (50Hz/1min)
inputs to outputs
4000
VAC(eff)
Operating voltage
continuous (see Note 8)
800
Vdc
Operating temperature
(see Note 10)
-40 +85
°C
Storage temperature
-40 +90
°C
All data refer to +25°C and
VDD = VDC = 15V unless otherwise specified
Electrical Characteristics
Power supply
Test conditions
min typ max
unit
Nominal supply voltage
VDC
to GND (see Note 1)
15
Vdc
Supply current
IDC
without load
23
mA
Max. supply current
IDC
(see Note 2)
153
mA
Output power DC/DC converter (see Note 3)
2
W
Efficiency
η
internal DC/DC converter
85
%
Nominal supply voltage
VDD
to GND
15
Vdc
Supply current
IDD
without load
12
mA
Supply current
IDD
at 25kHz switching frequency
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com