Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD106AI Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # 2SD106AI
Description  2SD106AI Dual SCALE Driver Core
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD106AI Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button 2SD106AI Datasheet HTML 3Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 4Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 5Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 6Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 9Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 10Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SCALE Driver
2SD106AI Data Sheet
IGBT-Driver.com
Page 7
Operating Conditions
Operating conditions
Test conditions
min max
unit
Operating temperature
(see Note 10)
-40 +85
°C
Storage temperature
-40 +90
°C
Footnotes to the key data
1)
The drivers have a zener diode on each channel for over-voltage protection. When the feed voltage
exceeds 16V, this protection can be subject to thermal overload.
2)
If the specified power consumption is exceeded, this indicates an overload of the DC/DC converter.
It should be noted that these DC/DC converters are not protected against overload.
3)
This should be considered as a recommended value. Please consult the section: “Output power
and self-heating”.
4)
Under-voltage monitoring for protecting the power semiconductors. The voltage refers to the local
supply voltage of each individual drive channel. However, this corresponds approximately to the
voltage at VDC with respect to GND.
5)
The input levels must never exceed the limits of the supply voltage (i.e. between GND and VDD),
otherwise latch-up of the integrated circuits LDI 00I can occur. Particular care must be taken when
driving via cables or longer leads.
6)
The gate current must be limited to its maximum value by a gate resistor.
7)
At a load of 39nF in series with 5.6  (typical load of a 1200V/100A IGBT).
8)
Maximum continuous or repeatedly-applied DC voltage between all inputs and all outputs.
However, types that have been measured and selected for higher partial-discharge voltages (e.g.
for 1700V IGBT modules) are also available.
9)
This specification guarantees that the drive information will be transferred reliably even at a high
DC-link voltage and fastest switching operations.
10)
The application-specific self-heating of the drivers - specially at high load - must be taken into
account.
11)
The test voltage of 4000 Vac(rms)/50Hz may be applied only once during a minute. It should be
noted that with this (strictly speaking obsolete) test method, some (minor) damage occurs to the
isolation layers due to the partial discharge. Consequently, this test is not performed at CONCEPT
as a series test. In the case of repeated isolation tests (e.g. module test, equipment test, system
test) the subsequent tests should be performed with a lower test voltage: the test voltage is
reduced by 400V for each additional test. The more modern if more elaborate partial-discharge
measurement is better suited than such test methods as it is almost entirely non-destructive.
12)
The typical blocking time after an error is 1 second. If required, versions with other blocking times
may also be supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com