Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD106AI Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # 2SD106AI
Description  2SD106AI Dual SCALE Driver Core
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SD106AI Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button 2SD106AI Datasheet HTML 4Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 5Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 6Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 7Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 8Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 9Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 10Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 11Page - Power Integrations, Inc. 2SD106AI Datasheet HTML 12Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SCALE Driver
2SD106AI Data Sheet
Page 8
INTELLIGENT POWER ELECTRONICS
Application Hints
IMPORTANT INFORMATION
This data sheet contains only product-specific data. All data that apply to
the whole type series of SCALE drivers is given in the document entitled:
“Description and Application Manual for SCALE Drivers”. In particular, this
manual contains a detailed description of the concept of the SCALE
drivers, a description of the function of all terminal pins as well as other
important application hints.
Overview and application
The SCALE driver 2SD106AI is a two channel-driver for power MOSFETs and IGBTs.
Its compact mechanical dimensions and simple electrical interface make this driver
suitable for almost all conceivable applications. When used as a half-bridge driver, the
2SD106AI can directly generate any dead times that may be required.
Output power and self-heating
The specified output power of the driver totals 2W (1W per channel). This typically
suffices to drive a 100A/1200V six-pack IGBT module with 25kHz. In the case of a drive
power of 2W, the typical input power of the driver is about 2.33W; the losses due to
the driver total about 0.33W. Because CONCEPT cannot predict how the drivers will be
incorporated in the user’s application, no binding recommended value for self-heating
and thus for the maximum useful output power at high ambient temperatures can be
made. It is consequently recommended to check the self-heating of the system,
especially when it is used at higher temperatures.
For the calculation of the exact output power, reference should be made to Application
Note AN-9701 “IGBT drivers correctly calculated” on www.igbt-driver.com/go/app-note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com