Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDMMRG2KAS Datasheet(PDF) 9 Page - Arima Display Japan Co., Ltd

Part # EDMMRG2KAS
Description  Liquid Crystal Display Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIMA [Arima Display Japan Co., Ltd]
Direct Link  
Logo ARIMA - Arima Display Japan Co., Ltd

EDMMRG2KAS Datasheet(HTML) 9 Page - Arima Display Japan Co., Ltd

Back Button EDMMRG2KAS Datasheet HTML 5Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 6Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 7Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 8Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 9Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 10Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 11Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 12Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 13Page - Arima Display Japan Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
8−17
REFERENCE
SPECIFICATION
1A1M-0046
EDMMRG2KAS
NAME OF SPECIFICATION
NAME OF PARTS:
Spec. No.
Arima
Display
Japan
Co.,Ltd
Rev.1
2
3
4
5
6
5.10.3
Backlight pins
Pin name
I/O
Function
LED-SHDNX
I
LED enable pin. ( L:off
H:on )
LED-V
Power
LED Power.
LED-Vss
Power
Ground for LED driver circuit.
5.10.4
Recommended Driver setting sequence
Index
Parameter Delay[ms]
0x0000
0x0001
10
0x0007
0x0000
0
0x0003
0x8068
50
0x000c
0x0011
0
0x0004
0x0440
0
0x0001
0x0113
0
0x0002
0x0206
0
0x0005
0x0028
0
0x0006
0x0000
0
0x0007
0x0001
0
0x000b
0x3000
0
0x0014
0x9f00
0
0x0016
0x8304
0
0x0017
0x9f00
0
0x0003
0x8868
50
0x0003
0x8a68
50
0x0003
0x8c68
200
0x0021
0x0083
0
0x0022
Pic data -
0x0007
0x0003
0
※Attention.
With
the
using
of
detailed
function
at
this
LSI, refer
to
the
specification
of
NT7553[NOVATEK].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com