Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDMMRG2KAS Datasheet(PDF) 3 Page - Arima Display Japan Co., Ltd

Part # EDMMRG2KAS
Description  Liquid Crystal Display Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIMA [Arima Display Japan Co., Ltd]
Direct Link  
Logo ARIMA - Arima Display Japan Co., Ltd

EDMMRG2KAS Datasheet(HTML) 3 Page - Arima Display Japan Co., Ltd

  EDMMRG2KAS Datasheet HTML 1Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 2Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 3Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 4Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 5Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 6Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 7Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 8Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 9Page - Arima Display Japan Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2−17
REFERENCE
SPECIFICATION
1A1M-0046
EDMMRG2KAS
NAME OF SPECIFICATION
NAME OF PARTS:
Spec. No.
Arima
Display
Japan
Co.,Ltd
Rev.1
2
3
4
5
6
1
APPLICATION
These specifications will describe quality requirements for the liquid crystal display module of the
following model number, manufactured by Arima Display Japan Co, Ltd.
2
MODEL NUMBER(Production
Code)
EDMMRG2KAS(1.8inch STN-Color)
3
MECHANICAL CHARACTERISTICS
3.1.
OUTLINE
DIMENSIONS
see attached drawing at:
1A1M-0046 ( 17-17)
3.2
DISPLAY
CHARACTERISTICS
-Display Mode
:STN-Color
Transmissive
mode
(Normally black with white LED Backlight)
*The following specifies 65K color mode.
-Number
of
Pixels
:128(×3)×160 Dots
-Active Area(A
Area)
:29.55 mm × 36.98 mm
-Visible
Area
:32.05 mm × 40.20 mm
-Driving
Method
:1/160
duty
1/11bias
3.3
MASS (WEIGHT)
10.4gTYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com