Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDMMRG2KAS Datasheet(PDF) 13 Page - Arima Display Japan Co., Ltd

Part # EDMMRG2KAS
Description  Liquid Crystal Display Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIMA [Arima Display Japan Co., Ltd]
Direct Link  
Logo ARIMA - Arima Display Japan Co., Ltd

EDMMRG2KAS Datasheet(HTML) 13 Page - Arima Display Japan Co., Ltd

Back Button EDMMRG2KAS Datasheet HTML 9Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 10Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 11Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 12Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 13Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 14Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 15Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 16Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 17Page - Arima Display Japan Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
12−17
REFERENCE
SPECIFICATION
1A1M-0046
EDMMRG2KAS
NAME OF SPECIFICATION
NAME OF PARTS:
Spec. No.
Arima
Display
Japan
Co.,Ltd
Rev.1
2
3
4
5
6
9
Measurement
method
of
optical
characteristics
9.1
Condition
of
measurement
Before
measuring characteristics, specimen
shall be kept under the following
condition
for
4
hours
before
and
after
each
test.
- Temp.
25±1degreeC, -Humidity 40-70%RH, -atmosphere 85-110kPa
9.2
Measurement
method
of
optical
characteristics
9.2.1
Measuring
equipment
and
specimen
-LCD7000(Optical
measurement
equipment
for
LCD
panel : Ohtsuka
electronics)
-Oscilloscope
-CS-1000 (Brightness
measurement
system : Minolta
Co,Ltd.)
- Specimen (Test LCD panel) : Measuring at only
LCD panel (measurement diameter=Φ8)
9.2.2
Definition
of
Items
Normal
The line which is perpendicular to the surface of front glass at cross point of VCL
and HCL. This is the reference line for all angles.
VCL
The vertical center line which connects the center of top and bottom margins.
This vertical line equally divides effective area.
HCL
The horizontal center line which connects center of left and right margins.
This horizontal line equally divides effective area.
Optimum
Angle
The angle which deflects θ degrees from Normal.
V-Plane
The plane which includes Normal and VCL
H-Plane
The plane which includes Optimum and HCL.
The angle toward Normal plane is shone by Φ.
Normal
H-Plane
−90°
−90°
+90°
Optimum
V-Plane
+90°
Angle
9.3
Measurement of LCD driving voltage (Vopr) and Contrast Ratio (CR)
-Set the measuring equipment to 25degreeC, and place the LCD panel at normal position
(θ=0, Φ=0 degree) in the LCD7000.
-Display selective data (screen:WHITE) and non-selective data (screen:BLACK) of specified duty
ratio alternatively, and measure brightness at each data. Increase driving voltage gradually and
measure brightness Y2 at selective state and Y1 at non-selective state.
-Calculate Contrast Ratio (CR=(Y2-Y0)/(Y1-Y0)) at each voltage and determine voltage which
gives the maximum CR as Vopr. (Vopr=V0-Vss,Vss=GND)
* note Y0 : Brightness from ambient lighting
9.4
Measure
of
Vertical
viewing
angle
(Φ=0 degree)
- Set the measuring equipment (LCD7000) to 25 degreeC, and apply the above Vopr to the LCD
panel. Then change the θ angle (Φ=0 degree), measure brightness at selective state Y2 and
non-selective state Y1 and calculate Contrast Ratio. (CR=(Y2-Y0)/Y1-Y0))
-Angles above CR=> 1.5 is defined as vertical viewing angle.
φ
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com