Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDMMRG2KAS Datasheet(PDF) 5 Page - Arima Display Japan Co., Ltd

Part # EDMMRG2KAS
Description  Liquid Crystal Display Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIMA [Arima Display Japan Co., Ltd]
Direct Link  
Logo ARIMA - Arima Display Japan Co., Ltd

EDMMRG2KAS Datasheet(HTML) 5 Page - Arima Display Japan Co., Ltd

  EDMMRG2KAS Datasheet HTML 1Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 2Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 3Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 4Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 5Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 6Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 7Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 8Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 9Page - Arima Display Japan Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
4−17
REFERENCE
SPECIFICATION
1A1M-0046
EDMMRG2KAS
NAME OF SPECIFICATION
NAME OF PARTS:
Spec. No.
Arima
Display
Japan
Co.,Ltd
Rev.1
2
3
4
5
6
5.3 Power
supply
current (VDD=3.3V+/-5%,Ta=25 degreeC)
Items
Symbol
Conditions
MIN.
TYP.
MAX. unit Remarks
Power
supply
current
for Vdd
Idd
VDD=3.3V
-
1.0
5.0
mA
*1
Power
supply
current
for LED-V
Iled
LED-V=5.5V
-
45
-
mA
Power rush current of
LED-V
Irush LED-V=5.5V
-
-
400
mA t<20us
*1.VDD = 3.3 V ,
1/160duty , 1/11bias , AC driving = 57line inversion.
5.4
AC characteristics
of
system
bus (80CPU-Interface)
(VDD=2.4-3.45V, Ta=-0-50 degree C)
Items
Symbols
Condition
Spec
Unit
Remarks
MIN
TYP
MAX
Write
0
-
-
ns
Address set up time
tAS80
Read
10
-
-
ns
Address
hold
time
tAH80
2
-
-
ns
Rise time / Fall time
tr / tf
-
-
25
ns
Write Data
set
up
time
tDS80
60
-
-
ns
Write Data
hold
time
tDH80
2
-
-
ns
Read data access time
tRDD80
CL=50pF
-
-
100
ns
Read data hold
time
tRDH80
CL=50pF
5
-
-
ns
“L” width of cntl. pulse
tWRLW80
40
-
-
ns
HWM=0
100
-
-
ns
“H” width of cntl. pulse
tWRHW80
HWM=1
40
-
-
ns
HWM=0
200
-
-
ns
Write
Action
System cycle time
tCYC80
HWM=1
100
-
-
ns
“L” width of cntl. pulse
tWRLR80
150
-
-
ns
“H” width of cntl. pulse
tWRHR80
100
-
-
ns
Read
action
system
cycle
time
tCYC80
300
-
-
ns
* Each timing is specified based on 20% and 80% of VDD.
RS
/CS
/WR, /RD
D0-D7
(write)
D0-D7
(read)
tAS80
tAH80
tCYC80
tWRLW80,tWRLR80
tWRHR80,tWRHW80
tDS80
tDH80
tRDD80
tRDH80
tf
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com