Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDMMRG2KAS Datasheet(PDF) 11 Page - Arima Display Japan Co., Ltd

Part # EDMMRG2KAS
Description  Liquid Crystal Display Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIMA [Arima Display Japan Co., Ltd]
Direct Link  
Logo ARIMA - Arima Display Japan Co., Ltd

EDMMRG2KAS Datasheet(HTML) 11 Page - Arima Display Japan Co., Ltd

Back Button EDMMRG2KAS Datasheet HTML 7Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 8Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 9Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 10Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 11Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 12Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 13Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 14Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 15Page - Arima Display Japan Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
10−17
REFERENCE
SPECIFICATION
1A1M-0046
EDMMRG2KAS
NAME OF SPECIFICATION
NAME OF PARTS:
Spec. No.
Arima
Display
Japan
Co.,Ltd
Rev.1
2
3
4
5
6
7
Quality and reliability (Refer to Section 9 for measurement method.
Ta=25 degree C)
No.
Item
Test
conditions
Judgement
7.1
Load life at
In the thermal chamber at 50±2 degreeC, display the
characters under VDD=3.3V
high
Temp.
for 240hours.
7.2
Load life at
In the thermal chamber at 0±2 degree C, display the
characters under VDD=3.3V
low
Temp.
for 240hours.
7.3
Exposure at
In the thermal chamber at 40±2 degree C, and
High Humidity
90-95%RH, expose without applying any load for 240
hours
7.4
Exposure at
In the thermal chamber at 60±2 degree C, expose
High
Temp.
without applying any load for 240hours.
7.5
Exposure at
In the thermal chamber at –30±2 degree C,
Low
Temp.
expose without applying any load for 240hours.
7.6
Heat
cycle
In the thermal chamber at-30±2<=25±3=>60±2
(30min each)/1cyc., expose without applying any load
for 50cyc.
7.7
Shock
490m/s2 10ms half-sin pulse.
Test should be conducted with 3 axes and 1 time.
7.8
Vibration
Test should be conducted with 3 axes, 1.5mm
and 10 to 5∼100Hz/3min each.
Shall
operate
normally, after
test.
7.9
Load life at
High
Temp.
and Humidity
In the thermal chamber at 40±2 degree C, and
90-95%RH,
display
under
applying
any
load
for
240hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com