Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDMMRG2KAS Datasheet(PDF) 12 Page - Arima Display Japan Co., Ltd

Part # EDMMRG2KAS
Description  Liquid Crystal Display Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIMA [Arima Display Japan Co., Ltd]
Direct Link  
Logo ARIMA - Arima Display Japan Co., Ltd

EDMMRG2KAS Datasheet(HTML) 12 Page - Arima Display Japan Co., Ltd

Back Button EDMMRG2KAS Datasheet HTML 8Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 9Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 10Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 11Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 12Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 13Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 14Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 15Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 16Page - Arima Display Japan Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
11−17
REFERENCE
SPECIFICATION
1A1M-0046
EDMMRG2KAS
NAME OF SPECIFICATION
NAME OF PARTS:
Spec. No.
Arima
Display
Japan
Co.,Ltd
Rev.1
2
3
4
5
6
8
Printings
and
package
8.1
Printings
The
following
marking
should
be
labeled
on
the
module.
LABEL (size :18x8mm)
8.2
Package
Packaging tray
LCD Module
(Polystyrene)
Aluminum Packing
2
1
Corrugated paper
Cardboard box
Length
: 472mm
Width
: 315mm
Height
: 195mm
Weight
: 7.3Kg TYP
After folding this corrugated paper and packing with 2 desiccants in the aluminum bag, pack
2 FOLDs to the cardboard box.
Customer
Place the following label or
printing on the outside of
the cardboard box.
Customer Part No.
Part No.
EDMMRG2KAS
Quantity
(Quantity)
* MAX
420Pcs/ 1 carton
Remarks
EDMMRG2KAS
ABxxx*******
Manufacture code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com