Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SD536F2 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # 1SD536F2
Description  Module Adapted Gate Driver (MAG) for Driving
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

1SD536F2 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  1SD536F2 Datasheet HTML 1Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 2Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 3Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 4Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 5Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 6Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 7Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 8Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.power.com
2SMLT0220D2I0C
Rev. A 04/25
Functional Description of 2SMLT0220D2I0C
steady-state the positive supply voltage V
VISO.
The off-state gate-source voltage V
GS(OFF) equals in steady-state the
voltage V
COM. This voltage is load dependent. It has its lowest value
under no load conditions and is increasing slightly (i.e. getting less
negative) with increasing load.
In the event of an under voltage lock-out condition the gate driver
changes the control of the positive rail towards control of the negative
rail V
COM to avoid any unpredictable system behavior.
Short-Circuit Protection
The SCALE-iFlex LT with NTC gate uses the semiconductor desaturation
effect to detect short-circuits.
The desaturation is monitored on each MAG by using a resistor sensing
network. The drain-source voltage is checked after the response time
t
RES at turn-on to detect a short-circuit. If the voltage is higher than the
programmed threshold voltage V
DS(SAT), the driver detects a short-
circuit condition. The monitored power semiconductor is switched off
after a delay of t
PD(SOx) and a fault signal is transmitted to the IMC.
Paralleled MAGs detect desaturation conditions with minimum time
delays and turn off the corresponding power semiconductor.
It should be noted that the response time t
RES is dependent on the DC-
link voltage. It remains constant between about 50% to 100% of the
maximum DC-link voltage and increases at lower DC-link voltage.
Please refer to the relevant data sheet section.
Note: The desaturation function is for short-circuit detection only and
cannot provide over-current protection. However, over-current
detection has a lower time priority and can be easily provided by the
application.
Gate Clamping
In the event of a short-circuit condition, the gate voltage is increased
due to the high dv
DS/dt between the drain and source terminals of the
driven power semiconductor. This dv
DS/dt drives a current through the
Miller-capacitance (capacitance between the gate and drain) and
charges the gate capacitance, which eventually leads to a gate-source
voltage larger than the nominal gate-source turn-on voltage. In
consequence, the short-circuit current is increased due to the
transconductance of the power semiconductor.
IN2
IN1
SO2
SO1
IMC
Primary-
Side
Controller
Pre-Driver
Channel 1
Pre-Driver
Channel 2
Driver
Channel 1
Driver
Channel 2
MAG #1
Driver
Channel 1
Driver
Channel 2
MAG #2
Cable Channel 2
Cable Channel 1
Cables Channel 2
Cables Channel 1
Driver
Channel 1
Driver
Channel 2
MAG #3
Driver
Channel 1
Driver
Channel 2
MAG #4
Sec. Power
Supply
PIHPAE_0322
TPM
DC/DC
VCC
GND
V15
15V
Figure 3. Functional Block Diagram of 2SILT1200T2A0C with 4 2SMLT0220D2I0C MAGs.
The 2SMLT0220D2I0C (MAGs) are dual channel plug-and-play gate
drivers for iXPLV power modules. The MAGs are fully mechanically and
electrically adapted to the IGBT modules. They work in conjunction
with the IMC to drive up to 4 parallel connected power modules (one
MAG per power module is necessary).
Cable Terminals (X1, X2, X3, X4)
All MAGs have two connector terminals per channel.
The first MAG needs to be connected to the secondary-side of the IMC.
Channel 1 from the IMC needs to be connected to channel 1 of the
MAG (X1 or X2). Accordingly, channel 2 of the IMC with channel 2 of the
MAG (X3 or X4).
In case more than one MAG is used, the first MAG needs to be
connected with the second MAG. Accordingly, the second MAG with the
third MAG and so on. Note that X1 and X2 respectively X3 and X4 are
fully identical and can be exchanged. However, connections to channel
1 and channel 2 shall not be mixed.
Screw Terminals
The MAG is mounted on top of the power module. It must be screwed
to the power semiconductor module. For details please refer to the
‘mounting instruction’ section in this document.
Cables
SCALE-iFlex LT with NTC gate drivers require a set of cables to establish
the electrical connection between the IMC and the first MAG as well as
between paralleled MAGs. The usage of cables allows for flexible
positioning of the IMC within the application. Furthermore, it allows
adapting to various pitches between paralleled power modules. Cables
recommendations are given in the data sheet of the IMC.
Power Supplies
The isolated voltages for the gate driver channels of the MAG is
generated by the integrated DC/DC converter of the IMC. The positive
rail of the gate driver channels has the voltage level V
VISO and the
negative rail has the voltage level V
COM. Both are referenced to the
source potential at terminal S1 or S2 of the driven power semiconductor.
Gate Voltage
SCALE-iFlex LT with NTC possesses a voltage regulator for the positive
(turn-on) rail of the gate voltage. Internal current sources are regulating
actively the positive gate-source voltage V
GS(ON) independently of actual
load conditions within the maximum specified ratings. Therefore, the
on-state gate-emitter voltage of the power semiconductor equals in



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com