Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SD536F2 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # 1SD536F2
Description  Module Adapted Gate Driver (MAG) for Driving
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

1SD536F2 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  1SD536F2 Datasheet HTML 1Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 2Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 3Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 4Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 5Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 6Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 7Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 8Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Module Adapted Gate Driver (MAG) for Driving
Half-Bridge Power Modules with NTC Measurement
via Electrical Interface
This Product is Covered by Patents and/or Pending Patent Applications.
2SMLT0220D2I0C
SCALE-iFlex LT Family
www.power.com
April 2025
Product Highlights
Highly Integrated, Compact Footprint
• Ready-to-use gate driver solution for iXPLV power modules up to
3300 V blocking voltage
• Dual channel gate driver
• To be controlled by IMC 2SILT1200T2A0C-33
• 1.0 W output power per channel at maximum ambient temperature
• ± 20 A maximum gate current
• Operation altitude up to 2000 m
• Optimized for paralleling of up to 4 power modules
• - 40 °C to 85 °C operating ambient temperature
Protection / Safety Features
• Short circuit protection
• Overvoltage protection by Advanced Active Clamping (AAC)
• NTC temperature sensing
• Undervoltage lock-out (UVLO)
• Gate clamping to VISO rail.
• Applied double sided conformal coating
Full Safety and Regulatory Compliance
• Clearance and creepage distances between both secondary sides meet
requirements
for
functional
isolation
according
to
IEC61800-5-1
• RoHS compliant
Applications
• Wind and photovoltaic power
• Industrial drives
Description
This datasheet describes the Module Adapted Gate Driver (MAG) of the
SCALE-iFlexTM LT with NTC gate driver family. The 2SMLT0220D2I0C
works conjointly with a central Isolated Master Control (IMC)
2SILT1200T2A0C-33 that supports up to four power modules of iXPLV
packages, and a cable set.
The IMC 2SILT1200T2A0C-33 operates power modules with a rated
blocking voltage of up to 3300 V. The MAGs are matched to the specific
power modules from a variety of suppliers.
SCALE-iFlex LT with NTC enables easy paralleling of power modules
providing high flexibility and system scalability.
Figure 1. Board Photo of 2SMLT0220D2x0C.
PRELIMINARY


Similar Part No. - 1SD536F2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
1SD536F2-FZ1500R33HE3 POWERINT-1SD536F2-FZ1500R33HE3 Datasheet
146Kb / 6P
Single-Channel SCALE Plug-and-Play IGBT Driver
2016-05-20
More results

Similar Description - 1SD536F2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM9402 ETC-OM9402 Datasheet
39Kb / 3P
GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
logo
NEC
UPD168110 NEC-UPD168110 Datasheet
200Kb / 18P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
UPD168111A NEC-UPD168111A Datasheet
208Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
Mitsubishi Electric Sem...
M57161L-01 MITSUBISHI-M57161L-01 Datasheet
124Kb / 6P
HYBRID IC FOR DRIVING TRENCH-GATE IGBT
logo
International Rectifier
OM9403SD IRF-OM9403SD Datasheet
35Kb / 3P
IGBT GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
logo
NEC
UPD168111 NEC-UPD168111 Datasheet
258Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
TAMURA Corporation.
2CG010BBC12N TAMURA-2CG010BBC12N Datasheet
1Mb / 8P
Gate Driver Module 2CG010BBC12N
Rev.1.01 Nov. 2021
2CG010BBC13N TAMURA-2CG010BBC13N Datasheet
1Mb / 8P
Gate Driver Module 2CG010BBC13N
Rev.1.01 Nov. 2021
2CG010BBC14N TAMURA-2CG010BBC14N Datasheet
895Kb / 8P
Gate Driver Module 2CG010BBC14N
Rev.1.01 Nov. 2021
2CG010DBC11N TAMURA-2CG010DBC11N Datasheet
908Kb / 8P
Gate Driver Module 2CG010DBC11N
Rev.1.01 Nov. 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com