Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SD536F2 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # 1SD536F2
Description  Module Adapted Gate Driver (MAG) for Driving
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

1SD536F2 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button 1SD536F2 Datasheet HTML 3Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 4Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 5Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 6Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 7Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 8Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 9Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 10Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 11Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.power.com
2SMLT0220D2I0C
Rev. A 04/25
Parameter
Symbol
Conditions
T
A = 25 °C
Min
Typ
Max
Units
Electrical Isolation
Creepage Distance
CPG
S-S
Secondary-side to secondary-side
22
mm
Clearance Distance
CLR
S-S
Secondary-side to secondary-side
8.7
mm
Mounting
Terminal Connection
Torque7
M
MAG
Screw M3
Nm
Screw header/washer
diameter
d
M3
Terminals G1,S1, D2, G2, S2, NTC
8
mm
Terminals MS1, MS2
8
mm
Bending
l
BEND
According to IPC
0.75
%
Mounting Instruction
The MAG is mounted on top of the target power module. 2SMLT0220D2I0C must be screwed to the power semiconductor module with metal
screws. The mounting force is given with M
MAG. MMAG must not exceed the values given in the respective data sheet of the target power module.
Hence, the actual mounting torque may be smaller than M
MAG.
It is recommended to follow mounting instructions from the corresponding power semiconductor manufacturer.
Parallel connected modules shall have the same distances between each other to ensure a symmetrical switching behaviour.
To ensure proper cooling by natural or forced convection minimum clearance of 50 mm of the MAG top side is required. This includes also that
the AC and/or DC bus bars are not covering parts or the entire MAG top side.
Minimum distances between paralleled modules shall be considered according to the converter system isolation coordination.
Otherwise insulation foils shall be used to isolated adjacent MAGs from each other.
NOTES:
7. Refer to data sheet of the IGBT module.
Characteristics (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com