Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SD536F2 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # 1SD536F2
Description  Module Adapted Gate Driver (MAG) for Driving
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

1SD536F2 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  1SD536F2 Datasheet HTML 1Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 2Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 3Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 4Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 5Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 6Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 7Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 8Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.power.com
2SMLT0220D2I0C
Rev. A 04/25
Absolute Maximum Ratings
Parameter
Symbol
Conditions
T
A = -40 °C to 85 °C
Min
Max
Units
Absolute Maximum Ratings1
Gate Output Power Per channel2
P
GX
1
W
Switching Frequency3
f
SW
25
kHz
Operating Voltage Secondary-
Secondary Side
V
DC(LINK)
Transient only
(for 3.3 kV versions)
3300
V
Transient only
(for 2.3 kV versions)
2300
V
Transient only
(for 1.7 kV versions)
1700
V
Limited to 60 s
(for 3.3 kV versions)
2500
V
Limited to 60 s
(for 2.3 kV versions)
1800
V
Limited to 60 s
(for 1.7 kV versions)
1250
V
Permanently applied
(3.3 kV driver versions)
2200
V
Permanently applied
(2.3 kV driver versions)
1600
V
Permanently applied
(1.7 kV driver versions)
1250
V
Common-Mode Transient Peak
Voltage
V
ΔE
Between parallel connected sources
50
V
peak
Common-Mode Time-Voltage-Area
ᶴ|dv|*dt
Between parallel connected sources
20
µVs
Storage Temperature4
T
ST
-40
50
°C
Operating Ambient Temperature
T
A
-40
85
°C
Surface Temperature5
T
125
°C
Relative Humidity
H
R
No condensation
93
%
Altitude of Operation6
A
OP
2000
m
NOTES:
1. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
2. Actually achievable maximum power depends on several parameters and may be lower than the given value. It has to be validated in the final
system. It is mainly limited by the maximum allowed surface temperature.
3. This limit applies to the whole product family. The actual achievable switching frequency may be lower for specific gate driver variants and has
to be validated in final system as it is additionally limited by maximum gate output power in conjunction with the maximum allowed surface
temperature.
4. The storage temperature inside the original package or in case the coating material of coated products may touch external parts must be limited
to the given value. Otherwise, it is limited to 85°C.
5. The component surface temperature, which may strongly vary depending on the actual operating conditions, must be limited to the given value
to ensure long-term reliability of the product.
6. Operation above this level requires a voltage derating to ensure proper isolation coordination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com