Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SD536F2 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # 1SD536F2
Description  Module Adapted Gate Driver (MAG) for Driving
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

1SD536F2 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button 1SD536F2 Datasheet HTML 3Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 4Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 5Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 6Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 7Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 8Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 9Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 10Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 11Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.power.com
2SMLT0220D2I0C
Rev. A 04/25
Parameter
Symbol
Conditions
V
VCC = 24 V (2SILT1200T2A0C-33),
T
A = 25 °C
Min
Typ
Max
Units
Short Circuit Protection
Static V
DS-Monitoring
Threshold
V
DS(STAT)
With 3.3 kV driver versions
TBD
V
Response Time
(10% V
GS to 90% VGS)
t
RES
10% to 90%
of V
GS
(with 3.3 kV)
DC-link voltage= 2200 V
TBD
µs
10% to 90%
of V
GS
(with 3.3 kV)
DC-link voltage= 1000 V
TBD
µs
Delay to Turn-Off Power
Semiconductor After
Short-Circuit Detection
t
PD(SOx)
0.1
µs
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com