Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SD536F2 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # 1SD536F2
Description  Module Adapted Gate Driver (MAG) for Driving
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

1SD536F2 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  1SD536F2 Datasheet HTML 1Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 2Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 3Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 4Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 5Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 6Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 7Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 8Page - Power Integrations, Inc. 1SD536F2 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.power.com
2SMLT0220D2I0C
Rev. A 04/25
Advanced Active Clamping (AAC)
Active clamping is a technique designed to partially turn on the power
semiconductor in case the drain-source voltage exceeds a predefined
threshold. The power semiconductor is then kept in linear operation.
Figure 4 illustrates the general behavior of active clamping and its
voltage thresholds. Basic active clamping topologies implement a
single feedback path from the power semiconductor collector/drain
through transient voltage suppressor (TVS) diodes to the power
semiconductor gate. The gate driver contains Power Integrations’
Advanced Active Clamping (AAC) based on this principle: When active
clamping is activated, the turn-off MOSFET of the gate driver is
switched off in order to improve the effectiveness of the active clamping
and to reduce the losses in the TVS diodes. This feature is mainly
integrated in the secondary-side ASIC of the gate driver.
To ensure that the gate-source voltage stays close to the nominal turn-
on voltage each MAG features a gate-clamping circuitry. The gate
clamping provides a voltage similar to V
VISO to the gate, i.e.
15 V. As the effective short-circuit current is a function of the gate-
source voltage the short-circuit current is limited. As consequence, the
energy dissipated in the power semiconductor during the short-circuit
event is reduced, leading to a junction temperature within the short-
circuit safe operating area (SCSOA) limits and enables a safe turn-off
of the device.
It should be noted that AAC should not be activated during regular
operation to avoid excessive heating of the transient voltage suppressor
diodes.
Conformal Coating
The electronic components of the gate driver are protected by a layer
of acrylic conformal coating with a typical thickness of 50µm using
ELPEGUARD SL 1307 FLZ/2 from Lackwerke Peters on both sides of the
PCB. This coating layer increases the product reliability when exposed
to contaminated environments.
Figure 4. Advanced Active Clamping
V
IGBT
with AAC
without AAC
V
TVS
V
DC
I
Load
v
CE
i
C
PIHPAE_0046 t



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com