Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SURE-APM2 Datasheet(PDF) 2 Page - Multicomp Pro

Part # SURE-APM2
Description  Audio Processing Module Series Digital Signal Processor Kernel Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SURE-APM2 Datasheet(HTML) 2 Page - Multicomp Pro

  SURE-APM2 Datasheet HTML 1Page - Multicomp Pro SURE-APM2 Datasheet HTML 2Page - Multicomp Pro SURE-APM2 Datasheet HTML 3Page - Multicomp Pro SURE-APM2 Datasheet HTML 4Page - Multicomp Pro SURE-APM2 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page <2>
V1.0
27/04/23
Audio Processing Module Series
Digital Signal Processor Kernel Board
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
It provided open-sourced demo programs of DSP products. Can download them for reference before programming.  
As for the correspondence of hardware and software, please refer to <The correspondence of APM2 hardware and DSP 
program.pdf>.
Interface Extension Board – SURE- APM2 - INT
To help customers with easy system integration, it had designed an interface extension board SURE- APM2 - INT for use with 
SURE-APM2, which is the same PCB size with SURE-APM2.
SURE- APM2 - INT is a 2-in, 3-out extension board, offering various input and output interfaces as RAC ports, 3.5mm jack 
and PH connectors. Need a 10-pin cable to connect SURE-APM2 and SURE- APM2 - INT, which comes  
with SURE- APM2 - INT
Diagram
ADAU1701 Digital Signal Processor - SURE-APM2
Interface Extension Board - SURE- APM2 - INT
Dimensions : Inches (Millimetres)
Minimum System
Pin Definition SURE-APM2
Power Supply Connector
J2
5V USB Type-C
Audio Extension Connector
J1 PH-10pos-2mm
For connection with  
SURE- APM2 - INT, the 10-pin cable 
comes with SURE- APM2 - INT.
Pin Definition Pin
Definition
1
AINL
6
OUTL1
2
SGND
7
OUTR2
3
AINR
8
OUTL2
4
+3.3V
9
GND
5
OUTR1
10
VIN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com