Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SURE-APM2 Datasheet (PDF) - Multicomp Pro

SURE-APM2 Datasheet PDF - Multicomp Pro
Part # SURE-APM2
Download  SURE-APM2 Download
File Size   1061.28 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Audio Processing Module Series Digital Signal Processor Kernel Board

SURE-APM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SURE-APM2 Datasheet PDF - Multicomp Pro

Part # SURE-APM2
Download  SURE-APM2 Click to download

File Size   1061.28 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Audio Processing Module Series Digital Signal Processor Kernel Board

SURE-APM2 Datasheet (HTML) - Multicomp Pro


SURE-APM2 Product details

Applications
• Digital Crossover
• Bass Enhancement
• Noise Suppression System
• EQ Adjustment
• Home Theatre / Car Audio

Features
• Equipped with ADAU1701 Chip
• 28/56 bit Digital Signal Processor Engine
• 24bit ADC/DAC Resolution
• 48kHz Sample Rate
• On-board Potentiometer for audio system control
• 5V USB Type-C Power
• Supporting SigmaStudio Programing (USBi or ICP)
• Compact Size & Light Weight
• Supporting 2-in, 3-out Interface Extension Board
• PCB Size: 2 x 2 inches




Similar Part No. - SURE-APM2

ManufacturerPart #DatasheetDescription
logo
RFE international
SUR RFE-SUR Datasheet
15Mb / 2P
HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
logo
JST Mfg. Co., Ltd.
SUR JST-SUR Datasheet
54Kb / 3P
Disconnectable Insulation displacement connectors
logo
RFE international
SUR100 RFE-SUR100 Datasheet
15Mb / 2P
HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
SUR100A100RK RFE-SUR100A100RK Datasheet
15Mb / 2P
HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
SUR100S RFE-SUR100S Datasheet
15Mb / 2P
HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
More results


Similar Description - SURE-APM2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
Digital Surround Audio Signal-Processing IC
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com