Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SURE-APM2 Datasheet(PDF) 1 Page - Multicomp Pro

Part # SURE-APM2
Description  Audio Processing Module Series Digital Signal Processor Kernel Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SURE-APM2 Datasheet(HTML) 1 Page - Multicomp Pro

  SURE-APM2 Datasheet HTML 1Page - Multicomp Pro SURE-APM2 Datasheet HTML 2Page - Multicomp Pro SURE-APM2 Datasheet HTML 3Page - Multicomp Pro SURE-APM2 Datasheet HTML 4Page - Multicomp Pro SURE-APM2 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page <1>
V1.0
27/04/23
Audio Processing Module Series
Digital Signal Processor Kernel Board
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
SURE-APM2
SURE- APM2 - INT
Applications
•  Digital Crossover
•  Bass Enhancement
•  Noise Suppression System
•  EQ Adjustment
•  Home Theatre / Car Audio
Benefits
•  Easy for Integration
•  Highly Cost-Effective
Features
•  Equipped with ADAU1701 Chip
•  28/56 bit Digital Signal Processor Engine
•  24bit ADC/DAC Resolution
•  48kHz Sample Rate
•  On-board Potentiometer for audio system control
•  5V USB Type-C Power
•  Supporting SigmaStudio Programing (USBi or ICP)
•  Compact Size & Light Weight
•  Supporting 2-in, 3-out Interface Extension Board
•  PCB Size: 2 x 2 inches
Overview
ADAU1701 Digital Signal Processor - SURE-APM2
The product is a digital signal processor kernel board based on ADAU1701 chip, supporting functions as gain adjustment, high-
low pass filter, bass enhancement and so on. There are built-in ADC and DAC, whose dynamic range reaches 98.5dB. THD of 
ADC is -83dB and that of DAC is -90dB. There are four on-board potentiometers on APM2 for the gain and cut-off frequency 
adjustment of treble and bass. It can control the audio to the actual listening environment, speaker configurations and your 
music preference.
The  product  can  supports  write  and  download  program  in  SigmaStudio  through  original  USBi  or  ICP  programmer. Taking 
customer’s operation and real-time control requirements into consideration, it developed an APP or PC UI, with which can get 
the remote control of audio system (Need to connect with ICP for remote control).


Similar Part No. - SURE-APM2

ManufacturerPart #DatasheetDescription
logo
RFE international
SUR RFE-SUR Datasheet
15Mb / 2P
HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
logo
JST Mfg. Co., Ltd.
SUR JST-SUR Datasheet
54Kb / 3P
Disconnectable Insulation displacement connectors
logo
RFE international
SUR100 RFE-SUR100 Datasheet
15Mb / 2P
HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
SUR100A100RK RFE-SUR100A100RK Datasheet
15Mb / 2P
HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
SUR100S RFE-SUR100S Datasheet
15Mb / 2P
HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
More results

Similar Description - SURE-APM2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
Digital Surround Audio Signal-Processing IC
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com