Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SURE-APM2 Datasheet(PDF) 3 Page - Multicomp Pro

Part # SURE-APM2
Description  Audio Processing Module Series Digital Signal Processor Kernel Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SURE-APM2 Datasheet(HTML) 3 Page - Multicomp Pro

  SURE-APM2 Datasheet HTML 1Page - Multicomp Pro SURE-APM2 Datasheet HTML 2Page - Multicomp Pro SURE-APM2 Datasheet HTML 3Page - Multicomp Pro SURE-APM2 Datasheet HTML 4Page - Multicomp Pro SURE-APM2 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page <3>
V1.0
27/04/23
Audio Processing Module Series
Digital Signal Processor Kernel Board
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Programming Connector
J11 PH-6pos-2mm
For connection with ICP programmer for programming or remote control, the 6-pin cable comes with ICP
Pin
Definition
1
SDA
2
SCL
3
WP
4
GND
5
+5V
6
RESET
Extension Port
J3
Extension Port
J4
Pin
Definition
Pin
Definition
AD0
Analog Audio Input 0
GND
Ground
AD1
Analog Audio Input 1
GND
Ground
SCL
I2C Clock
WB
EEPROM Write Back
SDA
I2C Data
WP
EEPROM Write Protection
RST
Reset (Active Low)
DAC0
Digital-to-Analog Converter 0
MP2
Multiple-Purpose Input & Output Pin, on 
APM2, these are used for potentiometer.
(Refer to ADAU1701 data sheet for  
detailed information)
DAC1
Digital-to-Analog Converter 1
MP3
DAC2
Digital-to-Analog Converter 2
MP8
DAC3
Digital-to-Analog Converter 3
MP9
GND
Ground
DPW
Digital Power Output
+3.3V
Power Supply (Output)
Pin
Definition
Pin
Definition
VIN
Other Power In
GND
Ground
MP4
Multiple-Purpose Input & Output Pin
(Refer to ADAU1701 data sheet for 
detailed information)
GND
Ground
MP5
GND
Ground
MP1
GND
Ground
MP0
GND
Ground
MP7
GND
Ground
MP6
GND
Ground
MP10
GND
Ground
MP11
GND
Ground
MCLK
GND
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com