Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SURE-APM2 Datasheet(PDF) 4 Page - Multicomp Pro

Part # SURE-APM2
Description  Audio Processing Module Series Digital Signal Processor Kernel Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SURE-APM2 Datasheet(HTML) 4 Page - Multicomp Pro

  SURE-APM2 Datasheet HTML 1Page - Multicomp Pro SURE-APM2 Datasheet HTML 2Page - Multicomp Pro SURE-APM2 Datasheet HTML 3Page - Multicomp Pro SURE-APM2 Datasheet HTML 4Page - Multicomp Pro SURE-APM2 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page <4>
V1.0
27/04/23
Audio Processing Module Series
Digital Signal Processor Kernel Board
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
POT1: Bass Gain
POT2: Cut-off Frequency of Bass
POT3: Cut-off Frequency of Treble
POT4: Overall Gain 
The adjustment range of the reset frequency
The adjustable cut-off frequency of treble: 250Hz-2kHz
The adjustable lower cut-off frequency of bass: 60Hz-120Hz
The adjustable upper cut-off frequency of bass: 200Hz-400Hz
Pin Definition SURE- APM2 - INT
Audio Input Connector
J1 3.5mm AUX IN
J2, J5 RCA Jack
J3 PH-4pos-2mm Line Input
Pin
Definition
1
INL
2
GND
3
GND
4
INR
Note: The three input methods cannot be used at the same time



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com