Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SURE-APM2 Datasheet(PDF) 5 Page - Multicomp Pro

Part # SURE-APM2
Description  Audio Processing Module Series Digital Signal Processor Kernel Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SURE-APM2 Datasheet(HTML) 5 Page - Multicomp Pro

  SURE-APM2 Datasheet HTML 1Page - Multicomp Pro SURE-APM2 Datasheet HTML 2Page - Multicomp Pro SURE-APM2 Datasheet HTML 3Page - Multicomp Pro SURE-APM2 Datasheet HTML 4Page - Multicomp Pro SURE-APM2 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page <5>
V1.0
27/04/23
Audio Processing Module Series
Digital Signal Processor Kernel Board
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
2 × In, 4 × Out Audio Digital Signal Processor Kernal Board - ADAU1701
SURE-APM2
2 × In, 3 × Out Digital Signal Processor Extension Board
SURE- APM2 - INT
Audio Output Connector
J7 3.5mm Headphone Output
J6, J9 RCA Output
J10 RCA for Subwoofer Output
J8 PH-4pos-2mm Line Output
Pin
Definition
1
INL
2
GND
3
GND
4
INR
Connection Connector
J4
Pin
Definition
Pin
Definition
Pin
Definition
Pin
Definition
Pin
Definition
1
AINL
3
AINR
5
OUTR1
7
OUTR2
9
GND
2
AGND
4
+3.3V
6
OUTL1
8
OUTL2
10
VIN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com