Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPW Datasheet(PDF) 20 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 20 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 16Page - Texas Instruments RF430CL331HIPW Datasheet HTML 17Page - Texas Instruments RF430CL331HIPW Datasheet HTML 18Page - Texas Instruments RF430CL331HIPW Datasheet HTML 19Page - Texas Instruments RF430CL331HIPW Datasheet HTML 20Page - Texas Instruments RF430CL331HIPW Datasheet HTML 21Page - Texas Instruments RF430CL331HIPW Datasheet HTML 22Page - Texas Instruments RF430CL331HIPW Datasheet HTML 23Page - Texas Instruments RF430CL331HIPW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Table 5-9. NDEF Application Data (Includes Proprietary Sections)
2B - CCLen
1B - Mapping version (1)
2B -MLe = 000F9h (2)
2B -MLc = 000F6h (2)
1B - Tag = 04h
1B - Len = 06h
The NDEF file
2B - File Identifier
NDEF File Ctrl TLV
control TLV is
2B - Maximum file size
mandatory
6B - Val
1B - Read access
1B - Write access
1B - Tag = 05h
Capability Container
Selectable by
1B - Len = 06h
File ID = E103h
2B - File Identifier
Proprietary File Ctrl
TLV (1)
2B - Maximum file size
6B - Val
1B - Read access
1B - Write access
NDEF Application
Zero or more
Selectable by Name =
⋮
proprietary file
D2_7600_0085_0101h
control TLVs
1B - Tag = 05h
1B - Len = 06h
2B - File Identifier
Proprietary File Ctrl
TLV (N)
2B - Maximum file size
6B - Val
1B - Read access
1B - Write access
2B - Len
NDEF File
Mandatory NDEF
Selectable by
xB - Binary NDEF file content
file
File ID = xxyyh
yB - Unused if Len < Maximum file size in File Ctrl TLV
2B - Len
Proprietary File (1)
Optional
Selectable by
xB - Binary proprietary file content
proprietary file
File ID = xxyyh
yB - Unused if Len < Maximum file size in File Ctrl TLV
⋮
2B - Len
Proprietary File (N)
Optional
Selectable by
xB - Binary proprietary file content
proprietary file
File ID = xxyyh
yB - Unused if Len < Maximum file size in File Ctrl TLV
(1)
RF430CL331H only supports mapping version up to 2.0.
(2)
RF430CL331H specific
20
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com