Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPW Datasheet(PDF) 24 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 20Page - Texas Instruments RF430CL331HIPW Datasheet HTML 21Page - Texas Instruments RF430CL331HIPW Datasheet HTML 22Page - Texas Instruments RF430CL331HIPW Datasheet HTML 23Page - Texas Instruments RF430CL331HIPW Datasheet HTML 24Page - Texas Instruments RF430CL331HIPW Datasheet HTML 25Page - Texas Instruments RF430CL331HIPW Datasheet HTML 26Page - Texas Instruments RF430CL331HIPW Datasheet HTML 27Page - Texas Instruments RF430CL331HIPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
Data Requested
1. PCD ± ReadBinary Request
Fill block with data
2. Host ± Service Request
Data Requested
3. PCD ± Next ReadBinary
0
N (<255 bytes)
Entire Buffer Space (not to scale)
Previous block cleared
and new data starts at
buffer_start_index of 0
4. Next Request: Cycle repeats
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
(c) The source of the interrupt is the General Type 4 request.
(d) When there is a General Type 4 request, the Status register (see Section 5.11.2) must be read
and the Type 4 Command field examined to determine what Type 4 command has been received.
(e) The result is a Read Binary command.
(f) The NDEF File Identifier register (see Section 5.11.7) may be read, but it is not necessary as it is
always the file that the last Select command selected.
(g) Read the Buffer Start register (see Section 5.11.11) to determine where in the buffer of the
RF430CL331H to begin storing the data.
(h) Read the NDEF File Offset register (see Section 5.11.10) to determine at which index in the NDEF
or CC file to begin supplying the data to the RF430CL331H.
(i) Read the NDEF Block Length register (see Section 5.11.9) to determine what block length the
PCD is requesting.
(j) Check if the request is valid:
(i) If it is valid, write the data into the buffer of the RF430CL331H starting at Buffer Start index for
NDEF Block Length bytes.
(ii) If it is not valid, assert the Custom Status Word option in the Host Response register (see
Section 5.11.8) and write the custom word in the Custom Status Word Response register (see
Section 5.11.13). Only the status word response supplied will be sent out.
(k) If caching is desirable, extra sequential data can be written to the RF430CL331H buffer, up to the
maximum RF430CL331H buffer length (length is 3000 bytes, highest index is 2999).
NOTE
To improve the Read Binary performance of the RF430CL331H , a caching feature may
be used. After writing the requested Read Binary request data into the RF430CL331H
buffer, extra sequential data may be written. If on the next Read Binary request, all of the
requested data is in the buffer, the RF430CL331H automatically responds and services
that request without any intervention of the host controller; that is, no interrupt is issued.
(l) Update the NDEF Block Length register (see Section 5.11.9) with the number of bytes written into
the buffer.
(m) The interrupt must be cleared by writing to the Interrupt Flag register. This step must be done
before setting the Interrupt Serviced field in the Host Response register.
(n) To complete servicing the Read Binary command interrupt, set the Interrupt Serviced field in the
Host Response register.
4. RF430CL331H procedure:
(a) Only the requested data (even if extra was supplied) is included in the response packet to the
PCD. The status words are appended to the response packet per NFC Type 4 specification.
(b) If the command was valid, the status words are SW1 = 90h and SW2 = 00h.
(c) If the custom response feature was used, the response to the PCD is only what was set in the
Custom Status Word Response register.
5.9.2.1
NDEF Read Command Internal Buffer Handling
Figure 5-9. Read Buffer Flow (no extra data)
24
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com