Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPW Datasheet(PDF) 43 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 43 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 39Page - Texas Instruments RF430CL331HIPW Datasheet HTML 40Page - Texas Instruments RF430CL331HIPW Datasheet HTML 41Page - Texas Instruments RF430CL331HIPW Datasheet HTML 42Page - Texas Instruments RF430CL331HIPW Datasheet HTML 43Page - Texas Instruments RF430CL331HIPW Datasheet HTML 44Page - Texas Instruments RF430CL331HIPW Datasheet HTML 45Page - Texas Instruments RF430CL331HIPW Datasheet HTML 46Page - Texas Instruments RF430CL331HIPW Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.11.7 NDEF File Identifier Register
This register is used by the host controller to determine which file has been selected (or also for Read
Binary and Update Binary commands as needed).
Table 5-29. NDEF File Identifier Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFED
File Identifier Second Byte
ADDRESS
7
6
5
4
3
2
1
0
0xFFEC
File Identifier First Byte
Table 5-30. NDEF File Identifier Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
This is the file identifier. It is references the second byte of the File ID in the
15-8
File Identifier Second Byte
R/W
0
Select command. (For example this byte for the Capability Container would be
03h).
This is the file identifier. It is references the first byte of the File ID in the Select
7-0
File Identifier First Byte
R/W
0
command. (For example this byte for the Capability Container would be E1h).
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
43
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com