Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPW Datasheet(PDF) 32 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 32 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 28Page - Texas Instruments RF430CL331HIPW Datasheet HTML 29Page - Texas Instruments RF430CL331HIPW Datasheet HTML 30Page - Texas Instruments RF430CL331HIPW Datasheet HTML 31Page - Texas Instruments RF430CL331HIPW Datasheet HTML 32Page - Texas Instruments RF430CL331HIPW Datasheet HTML 33Page - Texas Instruments RF430CL331HIPW Datasheet HTML 34Page - Texas Instruments RF430CL331HIPW Datasheet HTML 35Page - Texas Instruments RF430CL331HIPW Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
Stores the packet in the buffer
1.) Acknowledges the request
over RF
2.) Issues the interrupt
RF
Reader (PCD)
RF430CL331H (PICC)
Reads the PICC
data buffer while
the next RF
transmission is
occurring
Host Controller
INTO
Interrupt (Second)
PCD sends the File Write
request
Decides whether to continue
writing more data
RF (First)
If necessary
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Figure 5-15. Write System Flow (Nonblocking)
1. PCD procedure:
(a) Issues a Capability Container or a NDEF File Write (or Update Binary) command.
2. RF430CL331H procedure:
(a) Receives the RF Update Binary packet.
(b) Automatically responds with a successful acknowledgment: SW1 = 90h and SW2 = 00h.
(c) Sets up the appropriate registers.
(d) Issues the General Type 4 request interrupt.
(e) Waits for a new Update Binary packet to be transmitted to.
3. Host controller procedure:
(a) Checks the source of the interrupt by reading the interrupt registers (see Section 5.11.3).
(b) The source of the interrupt is the General Type 4 request.
(c) When there is a General Type 4 request, the Status register (see Section 5.11.2) must be read
and the Type 4 Command field examined to determine what Type 4 command has been received.
(d) The result is an Update Binary command.
(e) The NDEF File Identifier register (see Section 5.11.7) may be read, but it is not necessary as it is
always the file that the last Select command selected.
(f) Read the Buffer Start register (see Section 5.11.11) to determine where in the buffer of the
RF430CL331H to begin reading the stored data. Reading this register is unnecessary, as it is
always 0.
(g) Read the NDEF File Offset register (see Section 5.11.10) to determine at which index of the NDEF
or CC file the current data is starting.
(h) Read the NDEF Block Length register (see Section 5.11.9) to determine how much data is being
sent by the PCD in this packet.
(i) Read the data from the buffer of the RF430CL331H, starting at the index of 0, until the block length
supplied, updating the main file on the host controller.
(j) The interrupt must be cleared by writing to the Interrupt Flag register. This step must be done
before setting the Interrupt Serviced field in the Host Response register.
(k) To complete servicing the Update Binary command interrupt, set the Interrupt Serviced field in the
Host Response register.
32
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com