Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPW Datasheet(PDF) 28 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 28 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 24Page - Texas Instruments RF430CL331HIPW Datasheet HTML 25Page - Texas Instruments RF430CL331HIPW Datasheet HTML 26Page - Texas Instruments RF430CL331HIPW Datasheet HTML 27Page - Texas Instruments RF430CL331HIPW Datasheet HTML 28Page - Texas Instruments RF430CL331HIPW Datasheet HTML 29Page - Texas Instruments RF430CL331HIPW Datasheet HTML 30Page - Texas Instruments RF430CL331HIPW Datasheet HTML 31Page - Texas Instruments RF430CL331HIPW Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
4. Dynamic Tag RF430CL331H procedure:
(a) Only the requested data (even if extra was supplied) is included in the response packet to the
PCD. The status words are appended to the response packet per NFC Type 4 specification.
(b) If the command was valid, the status words are SW1 = 90h and SW2 = 00h.
(c) If the custom response feature was used, the response to the PCD is what was set in the Custom
Status Word Response register.
(d) RF transmission starts, the Extra Data interrupt is always asserted.
5. The host controller must service the Extra Data interrupt by appending to the buffer extra sequential
data up until the buffer size (3000 bytes).
(a) Checks the source of the interrupt by reading the interrupt registers.
(b) The interrupt is an Extra Data interrupt.
(c) Read the Buffer Start register to determine where in the buffer of the RF430CL331H to begin
storing the data.
NOTE
When the Extra Data interrupt is enabled, the interrupt always occurs when the
RF430CL331H is responding to the Read Binary request. However, this does not mean
that every interrupt service can add to the RF430CL331H buffer (3000 bytes). If the
Buffer Start register read indicates its index is at the end of the buffer, then no more data
can be added. In this case the NDEF Block Length register should be set to 0 indicating
that no data was added to the buffer. On the next Read Binary request, the valid data in
the RF430CL331H buffer is shifted to the beginning to allow more room for extra data to
be appended again.
(d) NDEF File Offset register can be read.
(e) Write sequential extra data to the buffer starting at the Buffer Start register index.
(f) The time limit of writing extra data to the buffer is until the next Read Binary command is
completed to be transmitted to the RF430CL331H. After that point, latency starts to be introduced
into the system as the processing of the new packet is delayed.
(g) Update the NDEF Block Length register with how many bytes were written into the buffer. If none,
set to 0.
(h) The prefetch interrupt must be cleared by writing to the Interrupt Flag register.
(i) Set the Extra Data Send In bit in the Host Response register.
(j) This completes servicing of the Read Prefetch interrupt.
28
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com