Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPW Datasheet(PDF) 31 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 31 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 27Page - Texas Instruments RF430CL331HIPW Datasheet HTML 28Page - Texas Instruments RF430CL331HIPW Datasheet HTML 29Page - Texas Instruments RF430CL331HIPW Datasheet HTML 30Page - Texas Instruments RF430CL331HIPW Datasheet HTML 31Page - Texas Instruments RF430CL331HIPW Datasheet HTML 32Page - Texas Instruments RF430CL331HIPW Datasheet HTML 33Page - Texas Instruments RF430CL331HIPW Datasheet HTML 34Page - Texas Instruments RF430CL331HIPW Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
Block Available
1. PCD ± Update Binary command
(General Type 4 Request interrupt)
Read This Block
2. Host ± Service Request
Block Available
0
Entire Buffer Space (not to scale)
Previous block cleared
and new data starts at
buffer_start_index of 0
3. PCD ± Next Update Binary command
Being Received
4. PICC ± General Type 4 Request interrupt
N (<255 bytes)
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
(l) To complete servicing the Update Binary command interrupt, set the Interrupt Serviced field in the
Host Response register.
4. RF430CL331H procedure:
(a) If the custom SW feature was not used, the response is status words SW1 = 90h and SW2 = 00h.
(b) If the custom response feature was used, the response to the PCD is what was set in the Custom
Status Word Response register.
5.9.4.1
NDEF Write Command (Blocking) Internal Buffer Handling
Figure 5-14. Write Buffer Flow (Blocking)
The write with blocking stores the send in data packet until it is read out by the host controller. Once it has
been read out, the next write data packet is stored in the same section of memory. The cycle repeats with
more Update Binary packets.
5.9.5
NDEF or Capability Container Write Procedure (Nonblocking)
This command is different from the blocking operation in that the RF430CL331H automatically responds to
an Update Binary command with a success acknowledgment upon receiving the Update Binary packet.
After the acknowledgment, the PCD starts to send the next Update Binary block. The intent is to increase
throughput by downloading the previous Update Binary packet while the new one is being transmitted into
a separate buffer on the RF430CL331H.
Care must be taken to read out the entire packet before the new one is completely transmitted to the
RF430CL331H. Otherwise, this creates latency that, if not corrected, accumulates to the point where one
Update Binary packet request eventually times out.
To enable write nonblocking mode, set the Automatic ACK On Write field in the General Control register.
For a general flow, see Figure 5-15.
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
31
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com