Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPR Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 15Page - Texas Instruments ADS1610IPAPR Datasheet HTML 16Page - Texas Instruments ADS1610IPAPR Datasheet HTML 17Page - Texas Instruments ADS1610IPAPR Datasheet HTML 18Page - Texas Instruments ADS1610IPAPR Datasheet HTML 19Page - Texas Instruments ADS1610IPAPR Datasheet HTML 20Page - Texas Instruments ADS1610IPAPR Datasheet HTML 21Page - Texas Instruments ADS1610IPAPR Datasheet HTML 22Page - Texas Instruments ADS1610IPAPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.ti.com
20MHz MODE
POWER-DOWN (PD)
5MHz MODE
60MHz MODE
POWER SUPPLIES
ANALOG POWER DISSIPATION
RBIAS
RBIAS
AGND
ADS1610
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
Table 4. Four Modes of Operation(1)
Mode 1
Mode 0
OUTPUT RATE
OSR
SNR (TYP)
BITS
SETTLING TIME (DRDY cycles)
0
0
Default 10MHz mode
6
86dBFS
16
55
0
1
20MHz
3
74dBFS
14
25
1
0
5MHz
12
91dBFS
16
55
1
1
60MHz bypass mode
1
55dBFS
12
NA
(1)
There is a pull-down resistor of 170k
Ω on both mode pins; however, it is recommended that this pin be reduced to either high or low.
Table 5. Recommended RBIAS Resistor Values
In this mode, the oversampling ratio is three.
for Different CLK Frequencies
Decreasing the OSR from 6 to 3 doubles the data
fCLK
DATA
RBIAS
TYPICAL POWER
rate, at the same time the performance is reduced
RATE
DISSIPATION
from 16 bits to 14 bits. Note that all 16 bits of DOUT
42MHz
7MHz
45k
Ω
550mW
remain active in this mode. For fclk = 60MHz, the
48MHz
8MHz
37k
Ω
640mW
data rate is 20MSPS. In addition, the group delay
54MHz
9MHz
31k
Ω
720mW
becomes 1
µs or 13 DRDY cycles. In this mode the
noise increases. Typical SNR performance degrades
60MHz
10MHz
19k
Ω
960mW
by 14dB. THD remains approximately the same.
When not in use, the ADS1610 can be powered
In this mode the OSR is 12 for fclk = 60MHz and the
down by taking the PD pin low. There is an internal
data rate in 5MSPS. Typical SNR performance
pull-up resistor of 170k
Ω on the PD pin, but it is
increases by 4dB. THD remains approximately the
recommended that this pin be connected to DVDD if
same.
not used. Once the PD pin is pulled high, allow at
least t11 (see Timing Specification Table) DRDY
cycles for the modulator and the digital filter to settle
before retrieving data.
In this mode, decimation filters are bypassed. This
data output can be filtered externally by the user. For
fclk = 60MHz, the data rate is 60MSPS.
Two supplies are used on the ADS1610: analog
(AVDD), and digital (DVDD). Each supply (other than
DVDD pins 49 and 50) must be suitably bypassed to
An external resistor connected between the RBIAS
achieve the best performance. It is recommended
pin and the analog ground sets the analog current
that a 1
µF and 0.1µF ceramic capacitor be placed as
level, as shown in Figure 40. The current is inversely
close to each supply pin as possible. Connect each
proportional to the resistor value. Table 5 shows the
supply-pin
bypass
capacitor
to
the
associated
recommended values of RBIAS for different CLK
ground, as shown in Figure 41. Each main supply
frequencies. Notice that the analog current can be
bus should also be bypassed with a bank of
reduced when using a slower frequency CLK input
capacitors from 47
µF to 0.1µF, as shown in
because the modulator has more time to settle.
Figure 41.
Avoid adding any capacitance in parallel to RBIAS,
since this will interfere with the internal circuitry used
For optimum performance, insert a 10
Ω resistor in
to set the biasing.
series with the AVDD2 supply (pin 58); the modulator
clocking circuitry. This resistor decouples switching.
Figure 40. External Resistor Used to Set
Analog Power Dissipation
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com