Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPR Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 4Page - Texas Instruments ADS1610IPAPR Datasheet HTML 5Page - Texas Instruments ADS1610IPAPR Datasheet HTML 6Page - Texas Instruments ADS1610IPAPR Datasheet HTML 7Page - Texas Instruments ADS1610IPAPR Datasheet HTML 8Page - Texas Instruments ADS1610IPAPR Datasheet HTML 9Page - Texas Instruments ADS1610IPAPR Datasheet HTML 10Page - Texas Instruments ADS1610IPAPR Datasheet HTML 11Page - Texas Instruments ADS1610IPAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 100kHz, − 2dBFS
SNR = 86dBFS
THD =
−90dB
SFDR = 90dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 100kHz, − 6dBFS
SNR = 86dBFS
THD =
−95dB
SFDR = 97dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 1.0MHz, − 2dBFS
SNR = 86dBFS
THD =
−91dB
SFDR = 94dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 1.0MHz, − 6dBFS
SNR = 86dBFS
THD =
−93dB
SFDR = 94dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 4.0MHz, − 2dBFS
SNR = 86dBFS
SFDR = 109dB
SPECTRAL RESPONSE
Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
−140
−160
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
1.0
5.0
f
IN = 4.0MHz, − 6dBFS
SNR = 86dBFS
SFDR = 105dB
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
At T
A = 25°C, RBIAS = 19kΩ, AVDD = 5V, DVDD = 3V, fCLK = 60MHz, VREF = 3V, MODE = 00,and VCM = 2.5V (unless
otherwise noted).
Figure 4.
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Figure 9.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com