Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPR Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 3 Page - Texas Instruments

  ADS1610IPAPR Datasheet HTML 1Page - Texas Instruments ADS1610IPAPR Datasheet HTML 2Page - Texas Instruments ADS1610IPAPR Datasheet HTML 3Page - Texas Instruments ADS1610IPAPR Datasheet HTML 4Page - Texas Instruments ADS1610IPAPR Datasheet HTML 5Page - Texas Instruments ADS1610IPAPR Datasheet HTML 6Page - Texas Instruments ADS1610IPAPR Datasheet HTML 7Page - Texas Instruments ADS1610IPAPR Datasheet HTML 8Page - Texas Instruments ADS1610IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
All specifications at –40
°C to 85°C, AVDD = 5V, DVDD = 3V, f
CLK = 60MHz, VREF = 3V, MODE = 00, VCM = 2.5V, and RBIAS
= 19k
Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 100kHz, –2dBFS
81
84
fIN = 100kHz, –6dBFS
77
80
fIN = 100kHz, –20dBFS
66
fIN = 1MHz, –2dBFS
83
SNR
Signal-to-noise ratio
fIN = 1MHz, –6dBFS
80
dB
fIN = 1MHz, –20dBFS
66
fIN = 4MHz, –2dBFS
79.5
83
fIN = 4MHz, –6dBFS
76
79
fIN = 4MHz, –20dBFS
65
fIN = 100kHz, –2dBFS
–90
–83
fIN = 100kHz, –6dBFS
–95
–85
fIN = 100kHz, –20dBFS
–95
fIN = 1MHz, –2dBFS
–91
THD
Total harmonic distortion
fIN = 1MHz, –6dBFS
–93
dB
fIN = 1MHz, –20dBFS
–95
fIN = 4MHz, –2dBFS
–109
–100
fIN = 4MHz, –6dBFS
–105
–100
fIN = 4MHz, –20dBFS
–95
fIN = 100kHz, –2dBFS
83
fIN = 100kHz, –6dBFS
79
fIN = 100kHz, –20dBFS
65
fIN = 1MHz, –2dBFS
82
SINAD
Signal-to-noise and distortion
fIN = 1MHz, –6dBFS
79
dB
fIN = 1MHz, –20dBFS
65
fIN = 4MHz, –2dBFS
83
fIN = 4MHz, –6dBFS
79
fIN = 4MHz, –20dBFS
65
fIN = 100kHz, –2dBFS
85
90
fIN = 100kHz, –6dBFS
90
96
fIN = 100kHz, –20dBFS
96
fIN = 1MHz, –2dBFS
94
SFDR
Spurious-free dynamic range
fIN = 1MHz, –6dBFS
94
dB
fIN = 1MHz, –20 dBFS
96
fIN = 4MHz, –2dBFS
100
109
fIN = 4MHz, –6dBFS
100
105
fIN = 4MHz, –20dBFS
95
Excludes jitter of CLK
Aperture jitter
2
ps, rms
source
Aperture delay
4
ns
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com