Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPR Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 2Page - Texas Instruments ADS1610IPAPR Datasheet HTML 3Page - Texas Instruments ADS1610IPAPR Datasheet HTML 4Page - Texas Instruments ADS1610IPAPR Datasheet HTML 5Page - Texas Instruments ADS1610IPAPR Datasheet HTML 6Page - Texas Instruments ADS1610IPAPR Datasheet HTML 7Page - Texas Instruments ADS1610IPAPR Datasheet HTML 8Page - Texas Instruments ADS1610IPAPR Datasheet HTML 9Page - Texas Instruments ADS1610IPAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
TIMING SPECIFICATIONS
CLK
DRDY
DOUT[15:0]
Data N
Data N + 1
Data N + 2
t
1
t
2
t
4
t
4
t
6
t
2
t
3
t
5
RD, CS
DOUT[15:0]
t
7
t
8
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
TERMINAL FUNCTIONS (continued)
TERMINAL
ANALOG/DIGITAL
DESCRIPTION
INPUT/OUTPUT
NAME
NO.
RD
22
Digital input; Active low
Read enable
OTR
23
Digital output
Analog inputs out-of-range
DRDY
24
Digital output
Data ready
DOUT[15:0]
29–44
Digital output
Data output. DOUT[15] is the MSB and DOUT[0] is the LSB.
CLK
56
Digital input
Clock input
AGND2
57
Analog
Analog ground for AVDD2
AVDD2
58
Analog
Analog supply for modulator clocking
VCAP
59
Analog
Bypass capacitor
VREFN
60, 61
Analog
Negative reference voltage
VMID
62
Analog
Midpoint voltage
VREFP
63, 64
Analog
Positive reference voltage
Figure 1. Data Retrieval Timing
Figure 2. DOUT Inactive/Active Timing
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com