Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPR Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 16Page - Texas Instruments ADS1610IPAPR Datasheet HTML 17Page - Texas Instruments ADS1610IPAPR Datasheet HTML 18Page - Texas Instruments ADS1610IPAPR Datasheet HTML 19Page - Texas Instruments ADS1610IPAPR Datasheet HTML 20Page - Texas Instruments ADS1610IPAPR Datasheet HTML 21Page - Texas Instruments ADS1610IPAPR Datasheet HTML 22Page - Texas Instruments ADS1610IPAPR Datasheet HTML 23Page - Texas Instruments ADS1610IPAPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.ti.com
C
P
(1)
C
P
(1)
C
P
(1)
C
P
(1)
C
P
(1)
C
P
(1)
C
P
(1)
C
P
(1)
1
2
3
9
10
11
12
18
57
55
54
53
52
51
19
25
26
AVDD
AVDD
AGND
AGND
C
P
(1)
6
7
AVDD
AGND
AGND
AVDD
AGND
47
47mF
4.7 mF
1 mF
mF
0.1
0.1
1
4.7
58
50
49
ADS1610
If using separate analog and
digital ground planes, connect
together on the ADS1610 PCB.
DGND
NOTES: (1) CP = 1 F
m
0.1 F
m
(2) Bypass
capacitors not required at pins 49 and 50.
AGND
AVDD
DVDD
10
Ω
mF
mF
mF
mF
LAYOUT ISSUES
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
Figure 41. Recommended Power-Supply Bypassing
planes, one for the analog grounds and one for the
digital grounds. When using only one common plane,
isolate the flow of current on AGND2 (pin 57) from
The ADS1610 is a very high-speed, high-resolution
pin 1; use breaks on the ground plane to accomplish
data converter. In order to achieve the maximum
this. AGND2 carries the switching current from the
performance, careful attention must be given to the
analog clocking for the modulator and can corrupt
printed
circuit
board
(PCB)
layout.
Use
good
the quiet analog ground on pin 1. When using two
high-speed
techniques
for
all
circuitry.
Critical
planes, it is recommended that they be tied together
capacitors should be placed close to pins as
right at the PCB. Do not try to connect the ground
possible. These include capacitors directly connected
planes together after running separately through
to the analog and reference inputs and the power
edge
connectors
or
cables
as
this
reduces
supplies. Make sure to also properly bypass all
performance and increases the likelihood of latch-up.
circuitry driving the inputs and references.
Two approaches can be used for the ground planes:
either a single common plane; or two separate
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com