Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPR Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS1610IPAPR
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1610IPAPR Datasheet HTML 9Page - Texas Instruments ADS1610IPAPR Datasheet HTML 10Page - Texas Instruments ADS1610IPAPR Datasheet HTML 11Page - Texas Instruments ADS1610IPAPR Datasheet HTML 12Page - Texas Instruments ADS1610IPAPR Datasheet HTML 13Page - Texas Instruments ADS1610IPAPR Datasheet HTML 14Page - Texas Instruments ADS1610IPAPR Datasheet HTML 15Page - Texas Instruments ADS1610IPAPR Datasheet HTML 16Page - Texas Instruments ADS1610IPAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
S
1
S
2
10pF
AINP
ADS1610
8pF
VMID
S
1
S
2
10pF
AINN
8pF
VMID
AGND
ADS1610
THS4503
10 pF
V
IN
100pF
100pF
AINP
AINN
100pF
12.5
Ω
787
Ω
787
Ω
12.5
Ω
374
Ω
374
Ω
56.2
Ω
10 pF
V
CM
−V
IN
5 .2
Ω
6
On
S1
S2
Off
On
Off
t
SAMPLE = 1/fCLK
DRIVING THE INPUTS
392
Ω
O P A 2 8 22
A D S 1 6 10
A G N D
O P A 2 8 22
20 pF
VCM
(1)
V
CM
(1)
V CM
(1)
100pF
AINP
AINN
100pF (3)
392
Ω
20 pF
100pF
(1) Recommended VCM = 2.5V.
(2) Optional ac−coupling circuit provides common−mode input voltage.
(3) Increase to 390pF when fIN ≤ 100kHz for improved SNR and THD.
(2)
(2)
(2)
(2)
−
V
IN
2
VIN
2
392
Ω
392
Ω
392
Ω
0.01µF
0.01µF
392
Ω
1µF
392
Ω
1k
Ω
1k
Ω
1µF
392
Ω
12.5
Ω
12.5
Ω
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
driver circuits low-thermal noise in the driver circuits
degrades the overall noise performance. When the
signal can be AC-coupled to the ADS1610 inputs, a
simple RC filter can set the input common mode
voltage. The ADS1610 is a high-speed, high-
performance ADC. Special care must be taken when
selecting the test equipment and setup used with this
device. Pay particular attention to the signal sources
to ensure they do not limit performance when
measuring the ADS1610.
Figure 25. Conceptual Diagram of Internal
Circuitry Connected to the Analog Inputs
Figure 27. Recommended Single-Ended to
Differential Conversion Circuit Using the
THS4503 Differential Amplifier
Figure 26. Timing for the Switches in Figure 25
The external circuits driving the ADS1610 inputs
must be able to handle the load presented by the
switching capacitors within the ADS1610. The input
switches S1 in Figure 25 are closed approximately
one half of the sampling period, tSAMPLE, allowing
only ~8 ns for the internal capacitors to be charged
by the inputs, when fCLK = 60MHz.
Figure 27 and Figure 28 show the recommended
circuits when using single-ended or differential op
amps, respectively. The analog inputs must be
driven differentially to achieve optimum performance.
If only a single-ended input signal is available, the
configuration in Figure 27 can be used by shorting
–VIN to ground.
This configuration would implement the single-ended
to differential conversion.
The external capacitors, between the inputs and from
each input to AGND, improve linearity and should be
placed as close to the pins as possible. Place the
drivers close to the inputs and use good capacitor
bypass techniques on their supplies; usually a
Figure 28. Recommended Driver Circuit Using
smaller high-quality ceramic capacitor in parallel with
the OPA2822
a larger capacitor. Keep the resistances used in the
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com