Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1831 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM1831 Datasheet HTML 4Page - STMicroelectronics STM1831 Datasheet HTML 5Page - STMicroelectronics STM1831 Datasheet HTML 6Page - STMicroelectronics STM1831 Datasheet HTML 7Page - STMicroelectronics STM1831 Datasheet HTML 8Page - STMicroelectronics STM1831 Datasheet HTML 9Page - STMicroelectronics STM1831 Datasheet HTML 10Page - STMicroelectronics STM1831 Datasheet HTML 11Page - STMicroelectronics STM1831 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Operation
STM1831
8/24
Doc ID 18180 Rev 1
2
Operation
The STM1831 voltage detector monitors system voltages from 1.6 V to 5.7 V in 100 mV
increments, has a voltage hysteresis (VHYS) and an output delay programmable by external
capacitor CD.
The STM1831 asserts a reset output (RST) whenever VCC goes below the detect voltage
(VDET). The reset output stays asserted until VCC goes above the detect voltage with
hysteresis (VDET + VHYS). If the external capacitor is connected to the CD pin, the reset
output deassertion is adequately delayed (see Figure 5 with calculations below for more
details). Leave the CD pin open if unused (i.e. tCD = 0 ms).
Figure 5.
Timing waveforms
tDET
detect delay time
tREL
release delay time (measured when external capacitor CD is disconnected)
tCD
delay by external capacitor CD.
The tCD delay can be calculated based on Equation 1:
Equation 1
and considering RCD = 2 MΩ (typ.) and VTCD = 1.5 V (typ.) at VCC = 3.0 V:
Equation 2
VSEN
CD
VDET
VDET + VHYST
RST
VTCD
tREL + tCD
tDET
AM00854
t
CD
R
CD
C
D
In 1
V
TCD
V
CC
--------------
⎝⎠
⎛⎞
×
×
=
t
CD
1.39
10
6
C
D
×
×
sF
,
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com