Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1831 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM1831 Datasheet HTML 8Page - STMicroelectronics STM1831 Datasheet HTML 9Page - STMicroelectronics STM1831 Datasheet HTML 10Page - STMicroelectronics STM1831 Datasheet HTML 11Page - STMicroelectronics STM1831 Datasheet HTML 12Page - STMicroelectronics STM1831 Datasheet HTML 13Page - STMicroelectronics STM1831 Datasheet HTML 14Page - STMicroelectronics STM1831 Datasheet HTML 15Page - STMicroelectronics STM1831 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Typical operating characteristics
STM1831
12/24
Doc ID 18180 Rev 1
Figure 12.
Output voltage vs. sense voltage, VDET = 2.4 V, TA = 25 °C, external pull-up
resistor on RST is 100 k
Ω, CD pin open
Figure 13.
Output voltage vs. supply voltage, VSEN = VCC, external pull-up resistor
on RST is 100 k
Ω, CD pin open
0
1
2
3
4
5
6
7
012
3
456
Sense voltage, VSEN (V)
Vcc = 6.0 V
Vcc = 4.5 V
Vcc = 3.0 V
AM04971v1
0
0.5
1.0
1.5
2.0
2.5
3.0
00.5
11.5
22.5
Supply voltage, VCC (V)
TA = -40 °C
TA = 25 °C
TA = 85 °C
AM04972v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com