Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1831 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM1831 Datasheet HTML 16Page - STMicroelectronics STM1831 Datasheet HTML 17Page - STMicroelectronics STM1831 Datasheet HTML 18Page - STMicroelectronics STM1831 Datasheet HTML 19Page - STMicroelectronics STM1831 Datasheet HTML 20Page - STMicroelectronics STM1831 Datasheet HTML 21Page - STMicroelectronics STM1831 Datasheet HTML 22Page - STMicroelectronics STM1831 Datasheet HTML 23Page - STMicroelectronics STM1831 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Part numbering
STM1831
22/24
Doc ID 18180 Rev 1
7
Part numbering
Table 6.
STM1831 ordering information scheme
Example:
STM1831
L
24
WY
6
F
Device type
STM1831
Reset output polarity
L: active-low
Detector threshold(1)
1.
Other detector thresholds are offered. Minimum order quantities may apply. Contact local ST sales
office for availability.
24: 2.4 V typ.
(100 mV steps from 1.6 V to 5.7 V available)
Package
WY: SOT23-5
Temperature range
6: –40 °C to +85 °C
Shipping method
F: Lead-free ECOPACK® package, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com