Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1831 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM1831 Datasheet HTML 13Page - STMicroelectronics STM1831 Datasheet HTML 14Page - STMicroelectronics STM1831 Datasheet HTML 15Page - STMicroelectronics STM1831 Datasheet HTML 16Page - STMicroelectronics STM1831 Datasheet HTML 17Page - STMicroelectronics STM1831 Datasheet HTML 18Page - STMicroelectronics STM1831 Datasheet HTML 19Page - STMicroelectronics STM1831 Datasheet HTML 20Page - STMicroelectronics STM1831 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
STM1831
Maximum ratings
Doc ID 18180 Rev 1
17/24
4
Maximum ratings
Stressing the device above the ratings listed in Table 2 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
TJ
Maximum junction temperature
125
°C
VCC
Supply voltage
–0.3 to 7.0
V
VCD
Delay capacitor pin voltage
–0.3 to VCC + 0.3
V
VRST
Reset output voltage
– N-channel open drain
–0.3 to 7.0
V
VESD
ESD voltage
– Human body model (MIL-STD-883, Method 3015)
– Machine model
2000
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com