Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1831 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM1831 Datasheet HTML 7Page - STMicroelectronics STM1831 Datasheet HTML 8Page - STMicroelectronics STM1831 Datasheet HTML 9Page - STMicroelectronics STM1831 Datasheet HTML 10Page - STMicroelectronics STM1831 Datasheet HTML 11Page - STMicroelectronics STM1831 Datasheet HTML 12Page - STMicroelectronics STM1831 Datasheet HTML 13Page - STMicroelectronics STM1831 Datasheet HTML 14Page - STMicroelectronics STM1831 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
STM1831
Typical operating characteristics
Doc ID 18180 Rev 1
11/24
Figure 10.
Hysteresis voltage vs. ambient temperature, VDET = 2.4 V
Figure 11.
CD pin sink current vs. supply voltage, VSEN = 0 V, VCD = 0.5 V
0
50
100
150
200
250
300
-40
-20
0
20
40
60
80
Ambient Temperature, TA (°C)
VCC = 6.0 V
VCC = 1.6 V
AM04969v1
0
1
2
3
4
5
6
7
8
012
3
456
Supply voltage, VCC (V)
AM04970v1
TA = -40 °C
TA = 25 °C
TA = 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com