Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1831 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM1831 Datasheet HTML 15Page - STMicroelectronics STM1831 Datasheet HTML 16Page - STMicroelectronics STM1831 Datasheet HTML 17Page - STMicroelectronics STM1831 Datasheet HTML 18Page - STMicroelectronics STM1831 Datasheet HTML 19Page - STMicroelectronics STM1831 Datasheet HTML 20Page - STMicroelectronics STM1831 Datasheet HTML 21Page - STMicroelectronics STM1831 Datasheet HTML 22Page - STMicroelectronics STM1831 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
STM1831
DC and AC parameters
Doc ID 18180 Rev 1
19/24
Table 4.
DC and AC characteristics
Symbol
Parameter
Conditions(1)
Min.
Typ.
Max.
Units
VCC
Operating
voltage
–40 °C < TA < 85 °C
1.6
—
6.0
V
VDET
Detect voltage(2)
VDET –2%
VDET
VDET + 2%
V
VHYS
Hysteresis
voltage
0.02 VDET
0.05
VDET
0.08 VDET
V
ICC
Supply current
VCC = 1.6 V
—
0.70
1.20
µA
VCC = 3.0 V
—
0.80
1.40
VCC = 6.0 V
—
1.20
2.00
IRST
Output current
VSEN = 0 V,
VRST = 0.5 V
VCC = 1.6 V
0.8
7.0
—
mA
VCC = 2.0 V
5.0
14.0
—
VCC = 3.0 V
10.0
22.0
—
VCC = 4.0 V
15.0
28.0
—
VCC = 5.0 V
17.0
32.0
—
VCC = 6.0 V
20.0
35.0
—
ILEAK
Output leakage
current
VCC = 6.0 V, VSEN = 6.0 V,
VRST = 6.0 V, CD: open
—
—
400
nA
ΔVDET / (ΔTA • VDET)
Temperature
variation
–40 °C < TA < 85 °C
—
±100
—
ppm/ °C
ISEN
Sense current
VCC = 0 V
—
10
—
nA
VCC > 1.6 V, VSEN = 5.0 V
—
300
500
RCD
Delay resistance
VSEN = 6.0 V, VCC = 5.0 V,
VCD = 0 V
1.4
2.0
2.6
M
Ω
ICD
Delay
capacitance pin
sink current
VCD = 0.5 V, VCC = 1.6 V
0.2
1.4
—
mA
VTCD
Delay
capacitance pin
threshold voltage
VSEN = 6.0 V, VCC = 1.6 V
0.70
0.85
1.00
V
VSEN = 6.0 V, VCC = 3.0 V
1.25
1.50
1.70
VSEN = 6.0 V, VCC = 6.0 V
2.45
2.65
2.85
tDET
Detect delay
time
VCC = 6.0 V, VSEN = 6.0 V→
0 V, CD: open
—40
75
µs
tREL
Release delay
time
VCC = 6.0 V, VSEN = 0 V→ 6
V, CD: open
—
55
170
µs
1.
Valid for ambient operating temperature: TA = 25 °C; VCC = 1.6 V to 6.0 V (except where noted).
2.
Factory-trimmed voltage thresholds in 100 mV increments from 1.6 V to 5.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com