Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM64 Datasheet HTML 16Page - Texas Instruments LM64 Datasheet HTML 17Page - Texas Instruments LM64 Datasheet HTML 18Page - Texas Instruments LM64 Datasheet HTML 19Page - Texas Instruments LM64 Datasheet HTML 20Page - Texas Instruments LM64 Datasheet HTML 21Page - Texas Instruments LM64 Datasheet HTML 22Page - Texas Instruments LM64 Datasheet HTML 23Page - Texas Instruments LM64 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Register
0x[HEX]
Register
Name
DATA BITS
D7
D6
D5
D4
D3
D2
D1
D0
16
ALERT
Mask
1
ALTMSK6
1
ALTMSK4
ALTMSK3
1
ALTMSK1
ALTMSK0
17
[Reserved]
Not Used
18
[Reserved]
Not Used
19
Rmt TCRIT
Setpoint
RCS7
RCS6
RCS5
RCS4
RCS3
RCS2
RCS1
RCS0
1A
General
Purpose
Input
0
0
0
GPI5
GPI4
GPI3
GPI2
GPI1
1B
General
Purpose
Output
0
0
0
GPO5
GPO4
GPO3
GPO2
GPO1
1C–1F
[Reserved]
Not Used
20
[Reserved]
Not Used
21
Rmt TCRIT
Hysteresis
RTH7
RTH6
RTH5
RTH4
RTH3
RTH2
RTH1
RTH0
22–2F
[Reserved]
Not Used
30–3F
[Reserved]
Not Used
40–45
[Reserved]
Not Used
46
Tach Count
LSB
TCLB5
TCLB4
TCLB3
TCLB2
TCLB1
TCLB0
TEDGE1
TEDGE0
47
Tach Count
MSB
TCHB13
TCHB12
TCHB11
TCHB10
TCHB9
TCHB8
TCHB7
TCHB6
48
Tach Limit
LSB
TLLB7
TLLB6
TLLB5
TLLB4
TLLB3
TLLB2
Not Used
Not Used
49
Tach Limit
MSB
TLHB15
TLHB14
TLHB13
TLHB12
TLHB11
TLHB10
TLHB9
TLHB8
4A
PWM and
RPM
0
0
PWPGM
PWOUT±
PWCKSL
0
TACH1
TACH0
4B
Fan Spin-Up
Config
0
0
SPINUP
SPNDTY1
SPNDTY0
SPNUPT2
SPNUPT1
SPNUPT0
4C
PWM Value
0
0
PWVAL5
PWVAL4
PWVAL3
PWVAL2
PWVAL1
PWVAL0
4D
PWM
Frequency
0
0
0
PWMF4
PWMF3
PWMF2
PWMF1
PWMF0
4E
[Reserved]
Not Used
4F
Lookup
Table
Hystersis
0
0
0
LOOKH4
LOOKH3
LOOKH2
LOOKH1
LOOKH0
50–5F
Lookup
Table
Lookup Table of up to 8 PWM and Temp Pairs in 8-bit Registers
60–BE
[Reserved]
Not Used
BF
Rmt Diode
Temp Filter
0
0
0
0
0
RDTF1
RDTF0
ALTCOMP
C0–FD
[Reserved]
Not Used
FE
Manufacture
r’s ID
0
0
0
0
0
0
0
1
FF
Stepping/Di
e Rev. ID
0
1
0
1
0
0
0
1
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com