Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM64 Datasheet HTML 17Page - Texas Instruments LM64 Datasheet HTML 18Page - Texas Instruments LM64 Datasheet HTML 19Page - Texas Instruments LM64 Datasheet HTML 20Page - Texas Instruments LM64 Datasheet HTML 21Page - Texas Instruments LM64 Datasheet HTML 22Page - Texas Instruments LM64 Datasheet HTML 23Page - Texas Instruments LM64 Datasheet HTML 24Page - Texas Instruments LM64 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
7.1.2 LM64 Register Map in Functional Order
The following is a Register Map grouped in Functional Order. Some address locations have been left blank to
maintain compatibility with LM86. Addresses in parenthesis are mirrors of named address. Reading or writing
either address will access the same 8-bit register. The Fan Control and Configuration Registers are listed first,
as there is a required order to setup these registers first and then setup the others. The detailed explanations of
each register will follow the order shown below. POR = Power-On-Reset.
Register
[HEX]
Register Name
Read/Write
POR Default
[HEX]
FAN CONTROL REGISTERS
4A
PWM and RPM
R/W
20
4B
Fan Spin-Up Configuration
R/W
3F
4D
PWM Frequency
R/W
17
4C
PWM Value
Read Only
(R/W if Override Bit is Set)
00
50–5F
Lookup Table
R/W
See Table
4F
Lookup Table Hysteresis
R/W
04
CONFIGURATION REGISTER
03 (09)
Configuration
R/W
00
TACHOMETER COUNT AND LIMIT REGISTERS
46
Tach Count LSB
Read Only
N/A
47
Tach Count MSB
Read Only
N/A
48
Tach Limit LSB
R/W
FF
49
Tach Limit MSB
R/W
FF
LOCAL TEMPERATURE AND LOCAL SETPOINT REGISTERS
00
Local Temperature
Read Only
N/A
05 (0B)
Local High Setpoint
R/W
46 (70°)
REMOTE DIODE TEMPERATURE AND SETPOINT REGISTERS
01
Remote Temperature MSB
Read Only
N/A
10
Remote Temperature LSB
Read Only
N/A
11
Remote Temperature Offset MSB
R/W
00
12
Remote Temperature Offset LSB
R/W
00
07 (0D)
Remote High Setpoint MSB
R/W
46 (70°C)
13
Remote High Setpoint LSB
R/W
00
08 (0E)
Remote Low Setpoint MSB
R/W
00 (0°C)
14
Remote Low Setpoint LSB
R/W
00
19
Remote TCRIT Setpoint
R/W
55 (85°C)
21
Remote TCRIT Hys
R/W
0A (10°C)
BF
Remote Diode Temperature Filter
R/W
00
CONVERSION AND ONE-SHOT REGISTERS
04 (0A)
Conversion Rate
R/W
08
0F
One-Shot
Write Only
N/A
ALERT STATUS AND MASK REGISTERS
02
ALERT Status
Read Only
N/A
16
ALERT Mask
R/W
A4
ID REGISTERS
FE
Manufacturer's ID
Read Only
01
FF
Stepping/Die Rev. ID
Read Only
51
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com