Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM64 Datasheet HTML 4Page - Texas Instruments LM64 Datasheet HTML 5Page - Texas Instruments LM64 Datasheet HTML 6Page - Texas Instruments LM64 Datasheet HTML 7Page - Texas Instruments LM64 Datasheet HTML 8Page - Texas Instruments LM64 Datasheet HTML 9Page - Texas Instruments LM64 Datasheet HTML 10Page - Texas Instruments LM64 Datasheet HTML 11Page - Texas Instruments LM64 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
5.8 SMBus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VDD = +3.0 VDC to +3.6 VDC, CL (load capacitance) on output lines
= 80 pF. Boldface limits apply for TA = TJ; TMIN ≤ TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
The switching characteristics of the LM64 fully meet or exceed the published specifications of the SMBus version 2.0. The
following parameters are the timing relationships between SMBCLK and SMBDAT signals related to the LM64. They adhere
to but are not necessarily the same as the SMBus bus specifications.
Symbol
Parameter
Conditions
Limits
(1)
Units
(Limit)
fSMB
SMBus Clock Frequency
10
100
kHz (min)
kHz (max)
tLOW
SMBus Clock Low Time
From VIN(0) max to VIN(0) max
4.7
µs (min)
tHIGH
SMBus Clock High Time
From VIN(1) min to VIN(1) min
4.0
50
µs (min)
µs (max)
tR
SMBus Rise Time
See (2)
1
µs (max)
tF
SMBus Fall Time
See (3)
0.3
µs (max)
tOF
Output Fall Time
CL = 400 pF, IO = 3 mA
250
ns (max)
tTIMEOUT
SMBData and SMBCLK Time Low for Reset of
Serial Interface See (4)
25
35
ms (min)
ms (max)
tSU:DAT
Data In Setup Time to SMBCLK High
250
ns (min)
tHD:DAT
Data Out Hold Time after SMBCLK Low
300
930
ns (min)
ns (max)
tHD:STA
Hold Time after (Repeated) Start Condition. After
this period the first clock is generated.
4.0
µs (min)
tSU:STO
Stop Condition SMBCLK High to SMBDAT Low
(Stop Condition Setup)
100
ns (min)
tSU:STA
SMBus Repeated Start-Condition Setup Time,
SMBCLK High to SMBDAT Low
4.7
µs (min)
tBUF
SMBus Free Time between Stop and Start
Conditions
4.7
µs (min)
(1)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(2)
The output rise time is measured from (VIL max - 0.15 V) to (VIH min + 0.15 V).
(3)
The output fall time is measured from (VIH min + 0.15 V) to (VIL min - 0.15 V).
(4)
Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM64’s SMBus state machine,
therefore setting SMBDAT and SMBCLK pins to a high impedance state.
VIH
VIL
SMBCLK
P
S
VIH
VIL
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
Figure 5-1. SMBus Timing Diagram for SMBCLK and SMBDAT Signals
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com