Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM64 Datasheet HTML 9Page - Texas Instruments LM64 Datasheet HTML 10Page - Texas Instruments LM64 Datasheet HTML 11Page - Texas Instruments LM64 Datasheet HTML 12Page - Texas Instruments LM64 Datasheet HTML 13Page - Texas Instruments LM64 Datasheet HTML 14Page - Texas Instruments LM64 Datasheet HTML 15Page - Texas Instruments LM64 Datasheet HTML 16Page - Texas Instruments LM64 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Remote High Limit
RDTS Measurement
LM64 ALERT Pin
Status Register: RTDS High
TIME
Figure 6-2. ALERT Output as Temperature Comparator Response Diagram
6.3.2.2 ALERT Output as an Interrupt
The LM64's ALERT output can be implemented as a simple interrupt signal when it is used to trigger an interrupt
service routine. In such systems it is desirable for the interrupt flag to repeatedly trigger during or before the
interrupt service routine has been completed. Under this method of operation, during the read of the ALERT
Status Register the LM64 will set the ALERT Mask bit in the Configuration Register if any bit in the ALERT
Status Register is set, with the exception of Busy and Open. This prevents further ALERT triggering until the
master has reset the ALERT Mask bit, at the end of the interrupt service routine. The ALERT Status Register
bits are cleared only upon a read command from the master (see Figure 6-2) and will be re-asserted at the
end of the next conversion if the triggering condition(s) persist(s). In order for the ALERT to be used as a
dedicated interrupt signal, the Comparator Mode bit in the Remote Diode Temperature Filter and Comparator
Mode Register must be set low. This is the power-on default state. The following sequence describes the
response of a system that uses the ALERT output pin as an interrupt flag:
1. Master senses ALERT low.
2. Master reads the LM64 ALERT Status Register to determine what caused the ALERT.
3. LM64 clears ALERT Status Register, resets the ALERT HIGH and sets the ALERT Mask bit in the
Configuration Register.
4. Master attends to conditions that caused the ALERT to be triggered. The fan is started, setpoint limits are
adjusted, etc.
5. Master resets the ALERT Mask bit in the Configuration Register.
Remote High Limit
RDTS Measurement
TIME
ALERT mask set in
response to reading of
status register by master
LM64
ALERT pin
Status Register: RTDS High
End of Temperature
conversion
Figure 6-3. ALERT Output as an Interrupt Temperature Response Diagram
6.3.2.3 ALERT Output as an SMBus ALERT
An SMBus alert line is created when the ALERT output is connected to: (1) one or more ALERT outputs of
other SMBus compatible devices, and (2) to a master. Under this implementation, the LM64's ALERT should be
operated using the ARA (Alert Response Address) protocol. The SMBus 2.0 ARA protocol, defined in the SMBus
specification 2.0, is a procedure designed to assist the master in determining which part generated an interrupt
and to service that interrupt.
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com