Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 3 Page - Texas Instruments

  LM64 Datasheet HTML 1Page - Texas Instruments LM64 Datasheet HTML 2Page - Texas Instruments LM64 Datasheet HTML 3Page - Texas Instruments LM64 Datasheet HTML 4Page - Texas Instruments LM64 Datasheet HTML 5Page - Texas Instruments LM64 Datasheet HTML 6Page - Texas Instruments LM64 Datasheet HTML 7Page - Texas Instruments LM64 Datasheet HTML 8Page - Texas Instruments LM64 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
4 Pin Configuration and Functions
A0
GPD5
GPD4
GPD3
T_Crit
23
24
2
3
4
5
6
7
8
9
10
22
21
20
19
18
17
16
15
14
13
12
11
N/C
N/C
N/C
GPD2
GPD1
1
LM64
Figure 4-1. 24-pin WQFN Package
Table 4-1. Pin Descriptions
Pin
Name
Input/Output
Function and Connection
1
GPIO1
Digital Input/
Open-Drain Output
General Purpose Open-Drain Digital Output or Digital Input. Typical pull-up resistor is
10 kΩ to VDD.
2
GPIO2
Digital Input/
Open-Drain Output
General Purpose Open-Drain Digital Output or Digital Input. Typical pull-up resistor is
10 kΩ to VDD.
3
GPIO3
Digital Input/
Open-Drain Output
General Purpose Open-Drain Digital Output or Digital Input. Typical pull-up resistor is
10 kΩ to VDD.
4
PWM
Open-Drain
Digital Output
Open-Drain Digital Output. Connect to fan drive circuitry. The power-on default for this
pin is low (pin 4 pulled to ground).
5
VDD
Power Supply Input
Connect to a low-noise +3.3 ± 0.3 VDC power supply, and bypass to GND with a 0.1 µF
ceramic capacitor in parallel with a 100 pF ceramic capacitor. A bulk capacitance of 10
µF needs to be in the vicinity of the LM64's VDD pin.
6
D+
Analog Input
Connect to the anode (positive side) of the remote diode. A 2.2 nF ceramic capacitor
must be connected between pins 6 and 7.
7
D-
Analog Input
Connect to the cathode (negative side) of the remote diode. A 2.2 nF ceramic capacitor
must be connected between pins 6 and 7.
8
T_Crit
Open-Drain
Digital Output
Open-Drain Digital Output. Typical pull-up resistor is 3 kΩ to VDD.
9
N/C
N/A
No Connection.
10
N/C
N/A
No Connection.
11
N/C
N/A
No Connection.
12
A0
Digital Input
SMBus Address Select pin. If High, the SMBus address is 0x4E or, if Low, the SMBus
address is 0x18. Typical pull-up resistor is 10 kΩ to VDD.
13
GND
Ground
This is the analog and digital ground return.
14
ALERT
Open-Drain
Digital Output
This pin is an open-drain ALERT Output. Typical pull-up resistor is 3 kΩ to VDD.
15
TACH
Digital Input
This pin is a digital tachometer input. Typical pull-up resistor is 3 kΩ to VDD.
16
SMBDAT
Digital Input/
Open-Drain Output
This is the bi-directional SMBus data line. Typical pull-up resistor is 1.5 kΩ to VDD.
17
SMBCLK
Digital Input
This is the SMBus clock input. Typical pull-up resistor is 1.5 kΩ to VDD.
18
GPIO5
Digital Input/
Open-Drain Output
General Purpose Open-Drain Digital Output or Digital Input. Typical pull-up resistor is
10 kΩ to VDD.
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com