Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM64 Datasheet HTML 6Page - Texas Instruments LM64 Datasheet HTML 7Page - Texas Instruments LM64 Datasheet HTML 8Page - Texas Instruments LM64 Datasheet HTML 9Page - Texas Instruments LM64 Datasheet HTML 10Page - Texas Instruments LM64 Datasheet HTML 11Page - Texas Instruments LM64 Datasheet HTML 12Page - Texas Instruments LM64 Datasheet HTML 13Page - Texas Instruments LM64 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
6 Detailed Description
6.1 Overview
The LM64 Remote Diode Temperature Sensor with Integrated Fan Control incorporates a ΔVBE-based
temperature sensor using a Local or Remote diode and a 10-bit plus sign ΔΣ ADC (Delta-Sigma Analog-to-
Digital Converter). The pulse-width modulated (PWM) open-drain output, with a pull-up resistor, can drive a
switching transistor to modulate the fan. The LM64 can measure the fan speed on the pulses from the fan’s
open-collector tachometer output, pulled up by a 1.5 kΩ resistor to VDD. The ALERT open-drain output will be
pulled low under certain conditions descibed in the sections below. The T_Crit open-drain output will be pulled
low when the T_Crit setpoint temperature limit is exceeded. This behaves as a typical comparator function
without any latching.
The LM64's two-wire interface is compatible with the SMBus Specification 2.0 . For more information the reader
is directed to www.smbus.org.
In the LM64, digital comparators are used to compare the measured Local Temperature (LT) to the Local
High Setpoint user-programmable temperature limit register. The measured Remote Temperature (RT) is
digitally compared to the Remote High Setpoint (RHS), the Remote Low Setpoint (RLS), and the Remote
T_CRIT Setpoint (RCS) user-programmable temperature limits. An ALERT output will occur when the measured
temperature is: (1) higher than either the High Setpoint or the T_CRIT Setpoint, or (2) lower than the Low
Setpoint. The ALERT Mask register allows the user to prevent the generation of these ALERT outputs.
The temperature hysteresis is set by the value placed in the Hysteresis Register (TH).
The LM64 may be placed in a low power Standby mode by setting the Standby bit found in the Configuration
Register. In the Standby mode continuous conversions are stopped. In Standby mode the user may choose
to allow the PWM output signal to continue, or not, by programming the PWM Disable in Standby bit in the
Configuration Register.
The Local Temperature reading and setpoint data registers are 8-bits wide. The format of the 11-bit remote
temperature data is a 16-bit left justified word. Two 8-bit registers, high and low bytes, are provided for each
setpoint as well as the temperature reading. Two Remote Temperature Offset (RTO) Registers: High Byte and
Low Byte (RTOHB and RTOLB) may be used to correct the temperature readings by adding or subtracting a
fixed value based on a different non-ideality factor of the thermal diode if different from the graphics processor
thermal diode. See Section 8.1.3.1.
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com